Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM5117800C Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5117800C
Description  2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117800C Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5117800C Datasheet HTML 1Page - OKI electronic componets MSM5117800C Datasheet HTML 2Page - OKI electronic componets MSM5117800C Datasheet HTML 3Page - OKI electronic componets MSM5117800C Datasheet HTML 4Page - OKI electronic componets MSM5117800C Datasheet HTML 5Page - OKI electronic componets MSM5117800C Datasheet HTML 6Page - OKI electronic componets MSM5117800C Datasheet HTML 7Page - OKI electronic componets MSM5117800C Datasheet HTML 8Page - OKI electronic componets MSM5117800C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
¡ Semiconductor
MSM5117800C
DC Characteristics
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS = VIH.
IOH = –5.0 mA
Output High Voltage
IOL = 4.2 mA
Output Low Voltage
0 V £ VI £ 6.5 V;
All other pins not
Input Leakage Current
under test = 0 V
DQ disable
Output Leakage Current
0 V £ VO £ VCC
RAS, CAS cycling,
Average Power
tRC = Min.
Supply Current
(Operating)
RAS, CAS = VIH
Power Supply
RAS, CAS
Current (Standby)
RAS cycling,
Average Power
CAS = VIH,
Supply Current
tRC = Min.
(
RAS-only Refresh)
RAS = VIH,
Power Supply
CAS = VIL,
Current (Standby)
DQ = enable
Average Power
CAS before RAS
Supply Current
(
CAS before RAS Refresh)
RAS = VIL,
Average Power
CAS cycling,
Supply Current
tPC = Min.
(Fast Page Mode)
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
ICC5
ICC6
ICC7
≥ VCC –0.2 V
RAS cycling,
Parameter
Condition
MSM5117800
C-50
MSM5117800
C-60
MSM5117800
C-70
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Symbol
Min.
2.4
0
–10
–10
—
—
—
—
—
—
—
Max.
VCC
0.4
10
10
120
2
1
120
120
110
5
Min.
2.4
0
–10
–10
—
—
—
—
—
—
—
Max.
VCC
0.4
10
10
110
2
1
110
110
100
5
Min.
2.4
0
–10
–10
—
—
—
—
—
—
—
Max.
VCC
0.4
10
10
100
2
1
100
100
90
5
Unit
V
V
mA
mA
mA
mA
mA
mA
mA
mA
Note
1, 2
1, 2
1, 2
1, 3
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com