Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2305CPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2305CPZ-R2
Description  Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2305CPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2305CPZ-R2 Datasheet HTML 3Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 4Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 10Page - Analog Devices SSM2305CPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
SSM2305
Rev. B | Page 7 of 16
100
10
1
0.1
0.01
0.001
10
100
1000
100000
10000
1W
VDD = 3.6V
GAIN = 18dB
RL = 4Ω + 33µH
0.5W
FREQUENCY (Hz)
0.25W
Figure 10. THD + N vs. Frequency, VDD = 3.6 V, RL = 4 Ω + 33 μH, AV = 18 dB
100
10
1
0.1
0.01
0.001
10
100
1000
100000
10000
VDD = 3.6V
GAIN = 18dB
RL = 8Ω + 33µH
0.5W
0.25W
0.25W
FREQUENCY (Hz)
Figure 11. THD + N vs. Frequency, VDD = 3.6 V, RL = 8 Ω + 33 μH, AV = 18 dB
100
10
1
0.1
0.01
0.001
10
100
1000
100000
10000
VDD = 2.5V
GAIN = 18dB
RL = 4Ω + 33µH
0.5W
0.25W
0.125W
FREQUENCY (Hz)
Figure 12. THD + N vs. Frequency, VDD = 2.5 V, RL = 4 Ω + 33 μH, AV = 18 dB
100
10
1
0.1
0.01
0.001
10
100
1000
100000
10000
VDD = 2.5V
GAIN = 18dB
RL = 8Ω + 33µH
0.25W
0.075W
0.125W
FREQUENCY (Hz)
Figure 13. THD + N vs. Frequency, VDD = 2.5 V, RL = 8 Ω + 33 μH, AV = 18 dB
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
RL = 8Ω + 33µH
RL = 4Ω + 33µH
NO LOAD
Figure 14. Supply Current vs. Supply Voltage
12
10
8
6
4
2
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
SHUTDOWN VOLTAGE (V)
VDD = 5V
VDD = 2.5V
VDD = 3.6V
Figure 15. Shutdown Current vs. Shutdown Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com