Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2517CBZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2517CBZ-R7
Description  PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2517CBZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2517CBZ-R7 Datasheet HTML 8Page - Analog Devices SSM2517CBZ-R7 Datasheet HTML 9Page - Analog Devices SSM2517CBZ-R7 Datasheet HTML 10Page - Analog Devices SSM2517CBZ-R7 Datasheet HTML 11Page - Analog Devices SSM2517CBZ-R7 Datasheet HTML 12Page - Analog Devices SSM2517CBZ-R7 Datasheet HTML 13Page - Analog Devices SSM2517CBZ-R7 Datasheet HTML 14Page - Analog Devices SSM2517CBZ-R7 Datasheet HTML 15Page - Analog Devices SSM2517CBZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SSM2517
Data Sheet
Rev. B | Page 16 of 16
OUTLINE DIMENSIONS
1.490
1.460 SQ
1.430
0.350
0.320
0.290
0.655
0.600
0.545
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
A
1
2
3
B
C
0.270
0.240
0.210
0.385
0.360
0.335
SEATING
PLANE
0.50
BALL PITCH
BALL A1
IDENTIFIER
Figure 31. 9-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-9-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2517CBZ-R7
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-2
SSM2517CBZ-RL
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-2
EVAL-SSM2517Z
Evaluation Board
1 Z = RoHS Compliant Part.
©2010-2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09211-0-9/11(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com