Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08ESZ Datasheet(PDF) 3 Page - Analog Devices

Part # DAC08ESZ
Description  8-Bit, High Speed, Multiplying D/A Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08ESZ Datasheet(HTML) 3 Page - Analog Devices

  DAC08ESZ Datasheet HTML 1Page - Analog Devices DAC08ESZ Datasheet HTML 2Page - Analog Devices DAC08ESZ Datasheet HTML 3Page - Analog Devices DAC08ESZ Datasheet HTML 4Page - Analog Devices DAC08ESZ Datasheet HTML 5Page - Analog Devices DAC08ESZ Datasheet HTML 6Page - Analog Devices DAC08ESZ Datasheet HTML 7Page - Analog Devices DAC08ESZ Datasheet HTML 8Page - Analog Devices DAC08ESZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
DAC08
Rev. D | Page 3 of 21
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, IREF = 2.0 mA, –55°C ≤ TA ≤ +125°C for DAC08/DAC08A, 0°C ≤ TA ≤ +70°C for DAC08E and DAC08H, −40°C to +85°C for
DAC08C, unless otherwise noted. Output characteristics refer to both IOUT and IOUT.
Table 1.
Parameter
Symbol Test Conditions/Comments
DAC08A/DAC08H
DAC08E
DAC08C
Unit
Min
Typ
Max Min Typ
Max Min Typ
Max
RESOLUTION
8
8
8
Bits
MONOTONICITY
8
8
8
Bits
NONLINEARITY
NL
±0.1
±0.19
±0.39 %FS
SETTLING TIME
tS
To ±1/2 LSB, all bits switched
on or off, TA = 25°C1
85
135
85
150
85
150
ns
PROPAGATION DELAY
Each Bit
tPLH
TA = 25°C1
35
60
35
60
35
60
ns
All Bits Switched
tPHL
35
60
35
60
35
60
ns
FULL-SCALE TEMPCO1
TCIFS
±10
±50
±10
±80
±10
±80
ppm/°C
DAC08E
±50
OUTPUT VOLTAGE
Compliance
VOC
Full-scale current
(True Compliance)
Change <1/2 LSB, ROUT >
20 MΩ typ
−10
+18
−10
+18
–10
+18
V
FULL RANGE CURRENT IFR4
VREF = 10.000 V R14, R15 =
5.000 kΩ TA = 25°C
1.984 1.992
2.000 1.94 1.99
2.04
1.94 1.99
2.04
mA
FULL RANGE
SYMMETRY
IFRS
IFR4 − IFR2
±0.5
±4
±1
±8
±2
±16
µA
ZERO-SCALE CURRENT IZS
0.1
1
0.2
2
0.2
4
µA
OUTPUT CURRENT
RANGE
IOR1
R14, R15 = 5.000 kΩ
2.1
2.1
2.1
mA
IOR2
VREF = +15.0 V, V− = −10 V
VREF = +25.0 V,
4.2
4.2
4.2
mA
V− = −12 V
OUTPUT CURRENT
NOISE
IREF = 2 mA
25
25
25
nA
LOGIC INPUT LEVELS
Logic 0
VIL
VLC = 0 V
0.8
0.8
0.8
V
Logic 1
VIL
2
2
2
V
LOGIC INPUT CURRENT
VLC = 0 V
Logic 0
IIL
VIN = −10 V to +0.8 V
−2
−10
−2
−10
−2
−10
µA
Logic 1
IIH
VIN = 2.0 V to 18 V
0.002
10
0.002
10
0.002
10
µA
LOGIC INPUT SWING
VIS
V− = −15 V
−10
+18
−10
+18
−10
+18
V
LOGIC THRESHOLD
RANGE
VTHR
VS = ±15 V1
−10
+13.5 −10
+13.5 −10
+13.5 V
REFERENCE BIAS
CURRENT
I15
−1
−3
−1
−3
−1
−3
µA
REFERENCE INPUT
dI/dt
REQ = 200 Ω
4
8
4
8
4
8
mA/µs
SLEW RATE
RL = 100 Ω
CC = 0 pF. See Figure 7.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com