Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FS Datasheet(PDF) 18 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 18 Page - Analog Devices

Back Button DAC8420FS Datasheet HTML 14Page - Analog Devices DAC8420FS Datasheet HTML 15Page - Analog Devices DAC8420FS Datasheet HTML 16Page - Analog Devices DAC8420FS Datasheet HTML 17Page - Analog Devices DAC8420FS Datasheet HTML 18Page - Analog Devices DAC8420FS Datasheet HTML 19Page - Analog Devices DAC8420FS Datasheet HTML 20Page - Analog Devices DAC8420FS Datasheet HTML 21Page - Analog Devices DAC8420FS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
DAC8420
Data Sheet
Rev. C | Page 18 of 23
For a single 5 V supply, VVREFHI is limited to at most 2.5 V, and
must always be at least 2.5 V less than the positive supply to ensure
linearity of the device. For these applications, the REF43 is an
excellent low drift 2.5 V reference that consumes only 450 μA
(max). It works well with the DAC8420 in a single 5 V system as
shown in Figure 34.
8
9
16
15
14
12
11
10
DAC8420
1
DAC A
DAC B
DAC C
DAC D
4
5
DIGITAL
CONTROLS
GND
DIGITAL INPUTS
VREFHI
VREFLO
2
3
6
7
+5V SUPPLY
0.1µF
VOUTA
VOUTB
VOUTC
VOUTD
REF43
VIN
GND
4
2
VOUT 6
0.1µF
+5V SUPPLY
2.5V
Figure 34. 5 V Single-Supply Operation Using REF43
ISOLATED DIGITAL INTERFACE
Because the DAC8420 is ideal for generating accurate voltages
in process control and industrial applications, due to noise, from
the central controller; it can be necessary to isolate it from the
central controller. This can be easily achieved by using opto-
isolators, which are commonly used to provide electrical isolation
in excess of 3 kV. Figure 35 shows a simple 3-wire interface scheme
for controlling the clock, data, and load pulse. For normal
operation, CS is tied permanently low so that the DAC8420 is
always selected. The resistor and capacitor on the CLR pin provide
a power-on reset with 10 ms time constant. The three opto-
isolators are used for the SDI, CLK, and LD lines.
One opto-isolated line (LD) can be eliminated from this circuit
by adding an inexpensive 4-bit TTL counter to generate the load
pulse for the DAC8420 after 16 clock cycles. The counter is used
to count the number of clock cycles loading serial data to the
DAC8420. After all 16 bits have been clocked into the converter,
the counter resets, and a load pulse is generated on Clock 17. In
either circuit, the serial interface of the DAC8420 provides a simple,
low cost method of isolating the digital control.
10kΩ
5V
10kΩ
5V
10kΩ
5V
5V
REG
5V
HIGH VOLTAGE
ISOLATION
POWER
LD
SCLK
SDI
REF43
VIN
GND
4
2
VOUT 6
+5V
10kΩ
5V
0.1µF
5V
0.1µF
VOUTA
VOUTB
VOUTC
VOUTD
8
9
16
15
14
12
11
10
1
4
5
GND
VREFLO
2
3
6
7
VSS
VDD
VREFHI
CLR
CLSEL
DAC8420
CLK
SDI
CS
LD
2.5V
Figure 35. Opto-lsolated 3-Wire Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com