Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM3515
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM3515 Datasheet HTML 20Page - Analog Devices SSM3515 Datasheet HTML 21Page - Analog Devices SSM3515 Datasheet HTML 22Page - Analog Devices SSM3515 Datasheet HTML 23Page - Analog Devices SSM3515 Datasheet HTML 24Page - Analog Devices SSM3515 Datasheet HTML 25Page - Analog Devices SSM3515 Datasheet HTML 26Page - Analog Devices SSM3515 Datasheet HTML 27Page - Analog Devices SSM3515 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
SSM3515
Data Sheet
Rev. A| Page 24 of 41
ANALOG AND DIGITAL GAIN
Several selectable settings are available for the analog gain of the
system. These provide optimal gain settings at various PVDD supply
voltages. The ANA_GAIN bits are available in Register 0x01,
Bits[1:0].
The available options are as shown in Table 16.
Table 16. Analog Gain Options
PVDD
ANA_GAIN
Amplifier Analog Gain
Selection
5 V to 9 V
00
8.4 V full-scale gain mapping
9 V to 13 V
01
12.6 V full-scale gain mapping
13 V to 14 V
10
14 V full-scale gain mapping
14 V to 16 V
11
15 V full-scale gain mapping
There is also a digital gain or volume control that provides fine
control in 0.375 dB steps from −70 dB to +24 dB.
POP AND CLICK SUPPRESSION
Voltage transients at the output of audio amplifiers may occur
when shutdown is activated or deactivated. Voltage transients
as small as 10 mV can be heard as an audible pop in the speaker.
Clicks and pops are defined as undesirable audible transients
generated by the amplifier system that do not come from the
system input signal.
Such transients may be generated when the amplifier system
changes its operating mode. For example, system power-up and
power-down can be sources of audible transients.
The SSM3515 has a pop and click suppression architecture that
reduces these output transients, resulting in noiseless activation and
deactivation.
Either mute or power-down must be set before the BCLK is
removed to ensure a pop free power-down.
EMI NOISE
The SSM3515 uses a proprietary modulation and spread
spectrum technology to minimize EMI emissions from the
device. The SSM3515 can pass FCC Class B emissions testing
with an unshielded 20-inch cable using ferrite bead-based
filtering. For applications that have difficulty passing FCC Class B
emission tests, the SSM3515 includes a modulation select pin
(ultralow EMI emission mode) that significantly reduces the
radiated emissions at the Class-D outputs, particularly above
100 MHz. Note that reducing the supply voltage greatly reduces
radiated emissions.
OUTPUT MODULATION DESCRIPTION
The SSM3515 uses three-level, Σ-Δ output modulation. Each
output can swing from GND to PVDD and vice versa. Ideally, when
no input signal is present, the output differential voltage is 0 V
because there is no need to generate a pulse. In a real-world
situation, there are always noise sources present.
Due to this constant presence of noise, a differential pulse is
occasionally generated in response to this stimulus. A small
amount of current flows into the inductive load when the
differential pulse is generated. However, most of the time, the
output differential voltage is 0 V. This feature ensures that the
current flowing through the inductive load is small.
When the user sends an input signal, an output pulse is generated
to follow the input voltage. The differential pulse density is
increased by raising the input signal level. Figure 66 depicts
three-level, Σ-Δ output modulation with and without input
stimulus.
OUTPUT > 0V
+5V
0V
OUT+
+5V
0V
OUT–
+5V
0V
VOUT
OUTPUT < 0V
+5V
0V
OUT+
+5V
0V
OUT–
0V
–5V
NOTES
1. VOUT = (OUT+) – (OUT−) MEASURED ACROSS THE LOAD.
OUTPUT = 0V
OUT+
+5V
0V
+5V
0V
OUT–
+5V
–5V
0V
VOUT
Figure 66. Three-Level, Σ-Δ Output Modulation With and Without Input Stimulus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com