Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDR32BX103BKWS-R Datasheet(PDF) 1 Page - Kemet Corporation

Part # CDR32BX103BKWS-R
Description  SMD Mil PRF55681, Ceramic, Military/High Reliability, 0.01 uF, 10%, 100 VDC, BX, S (0.001%/1000 Hrs), 1206
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR32BX103BKWS-R Datasheet(HTML) 1 Page - Kemet Corporation

  CDR32BX103BKWS-R Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: CDR32BX103BKWS-T&R
(C1206N103K1XSL[W]7189)
SMD Mil PRF55681, Ceramic, Military/High Reliability, 0.01 uF, 10%, 100 VDC, BX, S (0.001%/1000 Hrs), 1206
Dimensions
L
3.2mm +/-0.2mm
(0.126 in +/-0.008 in)
W
1.6mm +/-0.2mm
(0.063 in +/-0.008 in)
T
1.3mm (0.051 in)
B
0.5mm +/-0.2mm (0.02 in +/-0.008 in)
Packaging Specifications
Packaging: T&R, 178mm, Plastic Tape
Packaging Quantity: 2500
General Information
Supplier: KEMET
Series: SMD Mil PRF55681
Style: SMD Chip
RoHS: No
Prop 65:
WARNING: Cancer
and reproductive harm -
www.p65warnings.ca.gov.
REACH: SVHC (Pb – CAS 7439-92-1)
Termination: Lead (SnPb)
Failure Rate: S (0.001%/1000 Hrs)
Testing and Reliability: MIL-PRF-55681
Qualifications: MIL-PRF-55681
Miscellaneous: Termination Description:
SolderPlate 70-30
Chip Size: 1206
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 100 VDC
Temperature Range: -55/+125C
Temperature Coefficient: BX
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/17/2018 - d3c3fd61-52c4-4cb7-98ae-03e3cb2122f4


Similar Part No. - CDR32BX103BKWS-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR32BX103BKZS KEMET-CDR32BX103BKZS Datasheet
70Kb / 1P
Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 100 V, 1206, BX, S (0.001%/1000 Hrs)
More results

Similar Description - CDR32BX103BKWS-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CKR05BX103KR KEMET-CKR05BX103KR Datasheet
63Kb / 1P
Ceramic, Military/High Reliability, MIL-39014, 0.01 uF, 10%, 100 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CKR05BX103KS KEMET-CKR05BX103KS Datasheet
63Kb / 1P
Ceramic, Military/High Reliability, MIL-39014, 0.01 uF, 10%, 100 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
CDR31BX103AKZS KEMET-CDR31BX103AKZS Datasheet
70Kb / 1P
Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 50 V, 0805, BX, S (0.001%/1000 Hrs)
CDR32BX103BKZS KEMET-CDR32BX103BKZS Datasheet
70Kb / 1P
Ceramic, Military/High Reliability, MilChip-55681, 0.01 uF, 10%, 100 V, 1206, BX, S (0.001%/1000 Hrs)
CKR05BX103KSV KEMET-CKR05BX103KSV Datasheet
54Kb / 1P
Ceramic, Military/High Reliability, MIL-39014, 0.01 uF, 10%, 100 V, BX, S (0.001%/1000 Hrs), Lead Spacing = 5.08mm
CDR35BX104BKZS KEMET-CDR35BX104BKZS Datasheet
70Kb / 1P
Ceramic, Military/High Reliability, MilChip-55681, 0.1 uF, 10%, 100 V, 1825, BX, S (0.001%/1000 Hrs)
CDR32BX223AKWR-T KEMET-CDR32BX223AKWR-T Datasheet
62Kb / 1P
SMD Mil PRF55681, Ceramic, Military/High Reliability, 0.022 uF, 10%, 50 VDC, BX, R (0.01%/1000 Hrs), 1206
M39014-01-1535 KEMET-M39014-01-1535 Datasheet
72Kb / 1P
LDD Mil X7R PRF39014, Ceramic, Military/High Reliability, 0.01 uF, 10%, 100 VDC, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm
CDR31BX103AKSR-T KEMET-CDR31BX103AKSR-T Datasheet
62Kb / 1P
SMD Mil PRF55681, Ceramic, Military/High Reliability, 0.01 uF, 10%, 50 VDC, BX, R (0.01%/1000 Hrs), 0805
CDR31BX102BKSR-T KEMET-CDR31BX102BKSR-T Datasheet
62Kb / 1P
SMD Mil PRF55681, Ceramic, Military/High Reliability, 1000 pF, 10%, 100 VDC, BX, R (0.01%/1000 Hrs), 0805
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com