Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40NB Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # 40NB
Description  POWER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

40NB Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  40NB Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. 40NB Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. 40NB Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERNATIONAL
1
www.rectifierindia.com
April 2011
POWER DIODE
40NB/40RB
Available in Normal & Reverse Polarity
All Diffused Series
Industrial Grade
Available in Avalanche Characteristic
TYPICAL APPLICATIONS
VRRM
(V)
VRSM
(V)
40NB40/40RB40
400
500
40NB120/40RB120
1200
1300
40NB160/40RB160
1600
1700
SYMBOL
CONDITIONS
VALUES
IF(AV)
Maximum average forward Current TC = 1400C
40A
VFM
1.35 V
IFSM
500 A
I
2t
Max. I
2t rating (non-rep.) for 10 msec
1250 A
2Sec
IRRM
Peak reverse current at Tvj = 1750C
V0
R0
Tvj=max
Tvj=max
0.85 V
6.00 m
Rth(j-c)
Rth(c-h)
Tvj
Tstg
Maximum thermal resistance (
Junction to case)
Maximum thermal resistance ( Case to heat sink)
Junction temperature
Storage temperature
1.0 C/W
0.30 C/W
150 C
160 C
Mounting torque
4 Nm
Weight
Approx.
30 gms
Package Outline
B
DO-5
L
DEVICE TYPE
Maximum peak forward Voltage drop @ Rated I F (Peak)
Maximum peak one cycle (non-rep.) surge current 10 msec
10 mA
FEATURES
TECHNICAL DATA
Machine tool controls
Power supplies
Battery chargers
Welders


Similar Part No. - 40NB

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
40N03 A-POWER-40N03 Datasheet
106Kb / 4P
Low Gate Charge Simple Drive Requirement
40N03 A-POWER-40N03 Datasheet
56Kb / 5P
Fast Switching Characteristic
logo
List of Unclassifed Man...
40N03 ETC-40N03 Datasheet
128Kb / 6P
N CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
40N03 VBSEMI-40N03 Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
40N03. VBSEMI-40N03. Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40NB

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
6NA IRI-6NA Datasheet
541Kb / 3P
POWER DIODE
25NA IRI-25NA Datasheet
414Kb / 3P
POWER DIODE
70NC IRI-70NC Datasheet
364Kb / 3P
POWER DIODE
350NG IRI-350NG Datasheet
607Kb / 3P
POWER DIODE
400NG IRI-400NG Datasheet
1Mb / 3P
POWER DIODE
410NU IRI-410NU Datasheet
882Kb / 4P
POWER DIODE
570NU IRI-570NU Datasheet
656Kb / 5P
POWER DIODE
860NU IRI-860NU Datasheet
1Mb / 5P
POWER DIODE
82PF IRI-82PF_V01 Datasheet
1Mb / 4P
POWER DIODE
40029131 IRI-40029131 Datasheet
2Mb / 3P
POWER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com