Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS.26.A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PCS.26.A
Description  Low Profile LTE/Cellular 2G/3G/4G SMD Dielectric Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.26.A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PCS.26.A Datasheet HTML 1Page - Taoglas antenna solutions PCS.26.A Datasheet HTML 2Page - Taoglas antenna solutions PCS.26.A Datasheet HTML 3Page - Taoglas antenna solutions PCS.26.A Datasheet HTML 4Page - Taoglas antenna solutions PCS.26.A Datasheet HTML 5Page - Taoglas antenna solutions PCS.26.A Datasheet HTML 6Page - Taoglas antenna solutions PCS.26.A Datasheet HTML 7Page - Taoglas antenna solutions PCS.26.A Datasheet HTML 8Page - Taoglas antenna solutions PCS.26.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPE-18-8-100/C/AW
Page 2 of 20
1.Introduction
The PCS.26.A is a low-profile SMD LTE/cellular 2G/3G/4G embedded antenna
designed for direct SMD mount on a device PCB. It provides high efficiency in a
very small form factor, at 54.6*13*3mm. Its rectangular shape and very small
size make it very easy to integrate. Packaged in tape and reel, it can be
mounted via pick and place to reflow solder directly on the edge of the PCB
board. The antenna is a great match for lower cost LTE/cellular applications,
particularly in the telematics and automotive sector.
This antenna is recommended for use with longer ground-plane lengths of
100mm or more for maximum efficiency. Some tuning can be performed on
this antenna to help optimize to the device environment. Contact your regional
Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com