Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC86 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74AC86
Description  Quad 2-Input Exclusive-OR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC86 Datasheet(HTML) 4 Page - ON Semiconductor

  74AC86 Datasheet HTML 1Page - ON Semiconductor 74AC86 Datasheet HTML 2Page - ON Semiconductor 74AC86 Datasheet HTML 3Page - ON Semiconductor 74AC86 Datasheet HTML 4Page - ON Semiconductor 74AC86 Datasheet HTML 5Page - ON Semiconductor 74AC86 Datasheet HTML 6Page - ON Semiconductor 74AC86 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: Voltage Range 3.3V is 3.3V
r 0.3V
Voltage Range 5.0V is 5.0V
r 0.5V
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 40 pF
Units
(Note 5)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
3.3
2.0
6.0
11.5
1.5
12.5
ns
Inputs to Outputs
5.0
1.5
4.5
8.5
1.0
9.5
tPLH
Propagation Delay
3.3
2.0
6.5
11.5
1.5
12.5
ns
Inputs to Outputs
5.0
1.5
4.5
8.5
1.0
9.0
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
35
pF
VCC 5.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com