Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC00 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ALVC00
Description  Low Voltage Quad 2-Input NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVC00 Datasheet(HTML) 2 Page - ON Semiconductor

  74ALVC00 Datasheet HTML 1Page - ON Semiconductor 74ALVC00 Datasheet HTML 2Page - ON Semiconductor 74ALVC00 Datasheet HTML 3Page - ON Semiconductor 74ALVC00 Datasheet HTML 4Page - ON Semiconductor 74ALVC00 Datasheet HTML 5Page - ON Semiconductor 74ALVC00 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500626
www.fairchildsemi.com
September 2001
Revised February 2005
74ALVC00
Low Voltage Quad 2-Input NAND Gate
with 3.6V Tolerant Inputs and Outputs
General Description
The ALVC00 contains four 2-input NAND gates. This prod-
uct is designed for low voltage (1.65V to 3.6V) VCC applica-
tions with I/O compatibility up to 3.6V.
The ALVC00 is fabricated with an advanced CMOS tech-
nology to achieve high-speed operation while maintaining
low CMOS power dissipation.
Features
■ 1.65V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD
3 ns max for 3.0V to 3.6V VCC
3.5 ns max for 2.3V to 2.7V VCC
4.4 ns max for 1.65V to 1.95V VCC
■ Power-off high impedance inputs and outputs
■ Uses patented Quiet Series
¥ noise/EMI reduction
circuitry
■ Latchup conforms to JEDEC JED78
■ ESD performance:
Human body model
! 2000V
Machine model
! 250V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Quiet Series
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ALVC00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ALVC00MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com