Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC86PC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74AC86PC
Description  Quad 2-Input Exclusive-OR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC86PC Datasheet(HTML) 2 Page - ON Semiconductor

  74AC86PC Datasheet HTML 1Page - ON Semiconductor 74AC86PC Datasheet HTML 2Page - ON Semiconductor 74AC86PC Datasheet HTML 3Page - ON Semiconductor 74AC86PC Datasheet HTML 4Page - ON Semiconductor 74AC86PC Datasheet HTML 5Page - ON Semiconductor 74AC86PC Datasheet HTML 6Page - ON Semiconductor 74AC86PC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS009909
www.fairchildsemi.com
September 1988
Revised February 2005
74AC86
Quad 2-Input Exclusive-OR Gate
General Description
The AC86 contains four, 2-input exclusive-OR gates.
Features
■ ICC reduced by 50%
■ Outputs source/sink 24 mA
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Logic Symbol
IEEE/IEC
Pin Descriptions
FACT
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC86SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC86SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC86MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC86PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
A0–A3
Inputs
B0–B3
Inputs
O0–O3
Outputs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com