Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC595MTCX Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HC595MTCX
Description  8-Bit Shift Register with Output Latches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC595MTCX Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC595MTCX Datasheet HTML 1Page - ON Semiconductor MM74HC595MTCX Datasheet HTML 2Page - ON Semiconductor MM74HC595MTCX Datasheet HTML 3Page - ON Semiconductor MM74HC595MTCX Datasheet HTML 4Page - ON Semiconductor MM74HC595MTCX Datasheet HTML 5Page - ON Semiconductor MM74HC595MTCX Datasheet HTML 6Page - ON Semiconductor MM74HC595MTCX Datasheet HTML 7Page - ON Semiconductor MM74HC595MTCX Datasheet HTML 8Page - ON Semiconductor MM74HC595MTCX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
June 2009
© 1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC595 • Rev. 1.0.2
MM74HC595
8-Bit Shift Register with Output Latches
Features
Low Quiescent current: 80µA Maximum
(74HC Series)
Low Input Current: 1µA Maximum
8-Bit Serial-In, Parallel-Out Shift Register with
Storage
Wide Operating Voltage Range: 2V–6V
Cascadable
Shift Register has Direct Clear
Guaranteed Shift Frequency: DC to 30MHz
Description
The MM74HC595 high-speed shift register utilizes
advanced silicon-gate CMOS technology. This device
possesses the high noise immunity and low power
consumption of standard CMOS integrated circuits, as
well as the ability to drive 15 LS-TTL loads.
This device contains an eight-bit serial-in, parallel-out,
shift register that feeds an eight-bit D-type storage
register. The storage register has eight 3-state outputs.
Separate clocks are provided for both the shift register
and the storage register. The shift register has a direct-
overriding
clear,
serial
input,
and
serial
output
(standard) pins for cascading. Both the shift register
and storage register use positive-edge triggered clocks.
If both clocks are connected together, the shift register
state is one clock pulse ahead of the storage register.
The 74HC logic family is speed, function, and pin-out
compatible with the standard 74LS logic family. All
inputs are protected from damage due to static
discharge by internal diode clamps to VCC and ground.
Ordering Information
Part Number
Operating
Temperature
Range
Eco
Status
Package
Packing
Method
MM74HC595M
-40 to +85°C
RoHS
Tubes
MM74HC595MX
-40 to +85°C
RoHS
16-Lead, Small Outline Integrated Circuit (SOIC),
JEDEC MS-012, 0.150 Inch Narrow
Tape and Reel
MM74HC595SJ
-40 to +85°C
RoHS
Tubes
MM74HC595SJX
-40 to +85°C
RoHS
16-Lead, Small Outline Package (SOP), EIAJ
TYPE II, 5.3mm Wide
Tape and Reel
MM74HC595MTC
-40 to +85°C
RoHS
Tubes
MM74HC595MTCX
-40 to +85°C
RoHS
16-Lead, Thin Shrink Small Outline Package
(TSSOP), JEDEC MO-153, 4.4mm Wide
Tape and Reel
MM74HC595N
-40 to +85°C
RoHS
16-Lead, Plastic Dual In-Line Package (PDIP),
JEDEC MS-001, 0.300 Inch Wide
Tubes
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com