Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D2 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # PACUSBVB-D2
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSBVB-D2 Datasheet(HTML) 7 Page - California Micro Devices Corp

  PACUSBVB-D2 Datasheet HTML 1Page - California Micro Devices Corp PACUSBVB-D2 Datasheet HTML 2Page - California Micro Devices Corp PACUSBVB-D2 Datasheet HTML 3Page - California Micro Devices Corp PACUSBVB-D2 Datasheet HTML 4Page - California Micro Devices Corp PACUSBVB-D2 Datasheet HTML 5Page - California Micro Devices Corp PACUSBVB-D2 Datasheet HTML 6Page - California Micro Devices Corp PACUSBVB-D2 Datasheet HTML 7Page - California Micro Devices Corp PACUSBVB-D2 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
09/18/02
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
7
3$&86%9%'''
$SSOLFDWLRQ ,QIRUPDWLRQ
7KH 3$&86%9%''' SURYLGHV D FRPSOHWH LQWHU
IDFH IRU D VLQJOH GRZQVWUHDP 86% SRUW W\SLFDOO\ IRXQG
LQ FRPSXWHUV DQG 86% KXEV ,W LQWHJUDWHV WKH VHULHV
UHVLVWRUV 5 DQG WKH NΩ SXOOGRZQ UHVLVWRUV 5
IRU ERWK 86% GDWD OLQHV ' DQG ' DV ZHOO DV WKH
FDSDFLWRUV WR JURXQG IRU (0, VXSSUHVVLRQ =HQHU
GLRGHV SURYLGH (6' SURWHFWLRQ XS WR N9 FRQWDFW GLV
FKDUJH SHU WKH ,(&  VWDQGDUG DQG SURWHFW WKH
86% FRQWUROOHU RQ ERWK GDWD OLQHV 7KH OHDG 3$&86
%9%''' GHYLFH SURYLGHV DQ DGGLWLRQDO ]HQHU
GLRGHWR SURWHFWWKH 9%8686% SRZHUOLQH
7KH 3$&86%9%''' VKRXOG EH SODFHG RQ WKH
3&% EHWZHHQWKH 86% FRQWUROOHU DQGWKH 86% FRQQHF
WRU DV VKRZQ RQWKH&RQQHFWLRQ 'LDJUDP )LJXUH 
)LJXUH &RQQHFWLRQ'LDJUDPIRU 3$&86%9%'''
7R JXDUDQWHH WKH EHVW (6' DQG ILOWHULQJ SHUIRUPDQFH LW
LV UHFRPPHQGHG WR SK\VLFDOO\ ORFDWH WKH 3$&86%9%
''' FORVH WR WKH 86% FRQQHFWRU $OVR WKH WUDFH
OHQJWKV EHWZHHQ WKH 3$&86%9%''' DQG WKH
86% FRQWUROOHU VKRXOGEH NHSW DV VKRUWDV SRVVLEOH
'2:1
86%
86%
&21752//(5
3$&86%9%QQ<




675($0
&211(&725


#
#
#
#
'&$









Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com