Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS.06.A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PCS.06.A
Description  HAVOK-LOW PROFILE LTE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS.06.A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PCS.06.A Datasheet HTML 1Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 2Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 3Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 4Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 5Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 6Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 7Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 8Page - Taoglas antenna solutions PCS.06.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SPE-13-8-070/K/WY
Page 2 of 22
1. Introduction
The Havok PCS.06.A is a low profile SMT LTE/cellular 4G/3G/2G embedded antenna
designed for direct SMT mount on a device PCB. It provides high efficiency in a very
small factor 42*10*3mm. If tuning is required it can be tuned for the device
environment, while there is no need for new tooling. Its rectangular shape and very
small size makes it very easy to integrate – packaged in tape and reel, it can be
mounted via pick and place to reflow solder directly on the edge of the PCB board. This
antenna is recommended to be used with longer ground-plane lengths of 120mm or
more to attain its highest rated efficiency, note the return loss and efficiency graphs on
page 22.
The antenna is suitable for lower cost LTE/cellular applications, especially for
telematics and automotive sector. Contact Taoglas local regional sales office for quick
and professional support from our senior engineering team on integration and
matching of the antenna to your device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com