Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2012SF Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # DS2012SF
Description  STANDARD RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

DS2012SF Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  DS2012SF Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. DS2012SF Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. DS2012SF Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. DS2012SF Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. DS2012SF Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Wide current range
High voltage ratings up to
6000 V
High surge current capabilities
Diffused junction
TYPICAL APPLICATIONS
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
INTERNATIONAL
STANDARD RECOVERY DIODE
(
F)
TECHNICAL DATA
VRRM
(V)
VRSM
(V)
1
www.rectifierindia.com
April 2011
DEVICE TYPE
DS20
12SF60
6000
5700
5500
DS20
12SF57
DS20
12SF55
5800
5600
DS2012SF
6100
CURRENT RATINGS
T
case = 75
oC unless otherwise stated
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load
1152
A
-
1872
A
-
1612
A
Half wave resistive load
832
A
-
1307
A
-
1
101
A


Similar Part No. - DS2012SF

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DS2012SF DYNEX-DS2012SF Datasheet
92Kb / 7P
Rectifier Diode
DS2012SF55 DYNEX-DS2012SF55 Datasheet
92Kb / 7P
Rectifier Diode
DS2012SF56 DYNEX-DS2012SF56 Datasheet
92Kb / 7P
Rectifier Diode
DS2012SF57 DYNEX-DS2012SF57 Datasheet
92Kb / 7P
Rectifier Diode
DS2012SF58 DYNEX-DS2012SF58 Datasheet
92Kb / 7P
Rectifier Diode
More results

Similar Description - DS2012SF

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DDA20 NI-10DDA20_15 Datasheet
138Kb / 1P
Standard Recovery Diode
10EDA10 NI-10EDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA20 NI-10JDA20_15 Datasheet
137Kb / 1P
Standard Recovery Diode
20KDA20 NI-20KDA20_15 Datasheet
145Kb / 1P
Standard Recovery Diode
20KDA60 NI-20KDA60_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA10 NI-30PDA10_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA40 NI-30PDA40_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA60 NI-30PDA60_15 Datasheet
145Kb / 1P
Standard Recovery Diode
logo
Insel Rectifier India P...
DS2002SD IRI-DS2002SD Datasheet
423Kb / 5P
STANDARD RECOVERY DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com