Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2002SD Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # DS2002SD
Description  STANDARD RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

DS2002SD Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  DS2002SD Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTERNATIONAL
2
www.rectifierindia.com
April 2011
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load
2320
A
-
3644
A
-
3300
A
Half wave resistive load
1345
A
-
2110
A
-
1630
A
T
case = 100
oC unless otherwise stated
SURGE RATINGS
Conditions
10ms half sine; T
case = 175
oC
V
R = 50% VRRM - 1/4 sine
10ms half sine; T
case = 175
oC
V
R = 0
Max.
Units
Symbol
Parameter
I
FSM
Surge (non-repetitive) forward current
I
2tI2t for fusing
I
FSM
Surge (non-repetitive) forward current
I
2t
I
2t for fusing
A
2s
41.25
kA
5.44 x 106
A2s
33.0
kA
8.5 x 10
6
THERMAL AND MECHANICAL DATA
dc
Conditions
Min.
Max.
Units
oC/W
-
0.038
Anode dc
Clamping force 19.5kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.004
Double side
-
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Single side
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
-55
200
oC
Forward (conducting)
-
185
oC
-
0.008
oC/W
oC/W
Cathode dc
-
0.052
oC/W
Double side cooled
-
0.022
oC/W
Clamping force
-
kN
22.0
18.0
175
-
oC
Reverse (blocking)
STANDARD RECOVERY DIODE
DS2002SD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com