Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ5437 Datasheet(PDF) 2 Page - Seme LAB

Part # SJ5437
Description  PNP DRIVER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SJ5437 Datasheet(HTML) 2 Page - Seme LAB

  SJ5437 Datasheet HTML 1Page - Seme LAB SJ5437 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Units
VCE = 10V
IC = 1A
VCE = 10V
IC = 10A
VCE = 15V
IC = 2A
f = 1MHz
IC = 5A
IB = 0.5A
IC = 10A
IB = 1A
IC = 5A
IB = 0.5A
IC = 10A
IB = 1A
IC = 10A
IB1 = IB2 = 1A
LAB
SEME
SJ5437
Prelim. 3/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
HFE1
Current Gain
HFE2
Current Gain
hfe
Current Gain
VCEO(sus) Collector – Emitter Saturation Voltage
VBEO(sus) Base – Emitter Saturation Voltage
ton
Turn-On Time
toff
Turn-Off Time
40
20
30
0.5
2
1
2
2
2
—
—
V
V
ms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com