Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP2NK90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP2NK90Z
Description  N-CHANNEL 900V-5W-2.1A TO-220/DPAK/IPAK Zener-Protected SuperMESHTM MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2NK90Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP2NK90Z Datasheet HTML 1Page - STMicroelectronics STP2NK90Z Datasheet HTML 2Page - STMicroelectronics STP2NK90Z Datasheet HTML 3Page - STMicroelectronics STP2NK90Z Datasheet HTML 4Page - STMicroelectronics STP2NK90Z Datasheet HTML 5Page - STMicroelectronics STP2NK90Z Datasheet HTML 6Page - STMicroelectronics STP2NK90Z Datasheet HTML 7Page - STMicroelectronics STP2NK90Z Datasheet HTML 8Page - STMicroelectronics STP2NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
October 2004
STP2NK90Z - STD2NK90Z
STD2NK90Z-1
N-CHANNEL 900V - 5
Ω - 2.1A TO-220/DPAK/IPAK
Zener-Protected SuperMESH™MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 5 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
IMPROVED ESD CAPABILITY
s
100% AVALANCHE RATED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
stripbased PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt capability
for the most demanding applications. Such series
complements ST full range of high voltage MOS-
FETs including revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STD2NK90Z
STD2NK90Z-1
STP2NK90Z
900 V
900 V
900 V
< 6.5
Ω
< 6.5
Ω
< 6.5
Ω
2.1 A
2.1 A
2.1 A
70 W
70 W
70 W
DPAK
TO-220
IPAK
1
3
3
2
1
SALES TYPE
MARKING
PACKAGE
PACKAGING
STD2NK90ZT4
D2NK90Z
DPAK
TAPE & REEL
STD2NK90Z-1
D2NK90Z
IPAK
TUBE
STP2NK90Z
P2NK90Z
TO-220
TUBE
Rev. 2


Similar Part No. - STP2NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP2NK90Z STMICROELECTRONICS-STP2NK90Z Datasheet
604Kb / 18P
N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
27-Jul-2006
More results

Similar Description - STP2NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP2NC70Z STMICROELECTRONICS-STP2NC70Z Datasheet
634Kb / 13P
N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH™ II MOSFET
Feb-2002
STP3NK90Z STMICROELECTRONICS-STP3NK90Z Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STP5NK40Z STMICROELECTRONICS-STP5NK40Z Datasheet
601Kb / 13P
N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP7NK40Z STMICROELECTRONICS-STP7NK40Z Datasheet
605Kb / 13P
N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Sep-2002
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003
STD2NK70Z STMICROELECTRONICS-STD2NK70Z Datasheet
305Kb / 12P
N-CHANNEL 700 V - 6 W - 1.6 A DPAK/IPAK Zener-Protected SuperMESHTM MOSFET
24-Jan-2005
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
27-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com