Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20H100CF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20H100CF
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100CF Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20H100CF Datasheet HTML 1Page - STMicroelectronics STPS20H100CF Datasheet HTML 2Page - STMicroelectronics STPS20H100CF Datasheet HTML 3Page - STMicroelectronics STPS20H100CF Datasheet HTML 4Page - STMicroelectronics STPS20H100CF Datasheet HTML 5Page - STMicroelectronics STPS20H100CF Datasheet HTML 6Page - STMicroelectronics STPS20H100CF Datasheet HTML 7Page - STMicroelectronics STPS20H100CF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS20H100CT/CF/CG/CR/CFP
3/8
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
180
200
t(s)
IM(A)
Tc=50°C
Tc=75°C
Tc=125°C
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode) (TO-220AB, D
2PAK, I2PAK)
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
IM(A)
IM
t
δ=0.5
t(s)
Tj=125°C
Tj=75°C
Tj=50°C
Fig. 6: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode) (ISOWATT220AB, TO-220FPAB).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.
02
46
8
10
12
0
2
4
6
8
IF(av) (A)
PF(av)(W)
δ = 0.5
δ = 1
δ = 0.05
δ = 0.2
δ = 0.1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
T
δ=tp/T
tp
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
IF(av)(A)
Tamb(°C)
ISOWATT220AB
TO-220FPAB
TO220AB
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C/W
Rth(j-a)=40°C/W
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5, per diode).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com