Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZMD0502 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SZMD0502
Description  Ultra Low Capacitance TVS/ESD Protection Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SZMD0502 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SZMD0502 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SZMD0502 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SZMD0502
45W, 5V
Ultra Low Capacitance TVS/ESD Protection Diode
04-Aug-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
0502
DESCRIPTION
SZMD0502 is an ultra-low capacitance Transient
Voltage Suppressor (TVS) designed to provide
electrostatic discharge (ESD) protection for
high-speed data interfaces. With typical capacitance
of 0.5pF (I/O to I/O) only, SZMD0502 is designed
to protect parasitic-sensitive systems against
over-voltage and over-current transient events. It
complies with IEC 61000-4-2 (ESD), Level 4 (±15kV
air, ±8kV contact discharge), IEC 61000-4-4
(electrical fast transient - EFT) (40A, 5/50 ns), very
fast charged device model (CDM) ESD and cable
discharge event (CDE), etc.
SZMD0502 uses small SOT-23 package. Each
SZMD0502 device can protect two high-speed
data lines.
The combined features of low capacitance,
small size and high ESD robustness make SZMD0502
ideal for high-speed data port and high-frequency line
(e.g., USB 2.0 & DVI) applications.
The low clamping voltage of the SZMD0502
guarantees a minimum stress on the protected IC.
FEATURES
Transient protection for high-speed data lines
IEC 61000-4-2 (ESD) ±15kV (Air)
± 8kV (Contact)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Cable Discharge Event (CDE)
Low capacitance : 0.5pF Typical (I/O-I/O)
Protects two data lines
Low leakage current
Low clamping voltage
APPLICATIONS
Serial ATA
Desktops, Servers and Notebooks
PCI Express
MDDI Ports
USB2.0 Power and Data Line Protection
Display Ports
Digital Visual Interfaces (DVI)
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
RoHS Compliant Product
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.01
0.18
B
2.10
2.95
H
0.5 Typ.
C
1.20
1.7
J
0.08
0.20
D
0.89
1.3
K
0.6 REF.
E
1.70
2.3
L
0.95 BSC.
F
0.30
0.50
SOT-23
Top View


Similar Part No. - SZMD0502

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SZMD05C SECOS-SZMD05C Datasheet
210Kb / 2P
Transient Voltage Suppressors for ESD Protection
SZMD05C SECOS-SZMD05C_15 Datasheet
210Kb / 2P
Transient Voltage Suppressors
More results

Similar Description - SZMD0502

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP0501 RECTRON-TEP0501 Datasheet
775Kb / 6P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0801S-15LC RECTRON-TEP0801S-15LC Datasheet
246Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0801SLC RECTRON-TEP0801SLC Datasheet
751Kb / 6P
Ultra Low Capacitance TVS/ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SCESD0502L-C SECOS-SCESD0502L-C Datasheet
306Kb / 2P
Ultra Low Capacitance TVS/ESD Protection Diode
logo
Rectron Semiconductor
TEP0302D RECTRON-TEP0302D Datasheet
181Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0306D RECTRON-TEP0306D Datasheet
531Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0502T5CL RECTRON-TEP0502T5CL Datasheet
198Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0502T5D RECTRON-TEP0502T5D Datasheet
178Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0502TD RECTRON-TEP0502TD Datasheet
199Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0801S-12LC RECTRON-TEP0801S-12LC Datasheet
255Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com