Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4AF7.0A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S4AF7.0A
Description  Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S4AF7.0A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S4AF7.0A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S4AF7.0A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S4AF7.0A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S4AF7.0A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
S4AF SERIES
5V ~ 85V, 400W
Peak Power Surface Mount TVS
05-Jun-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Breakdown
Voltage
VBR @ IT
Maximum
Reverse
Leakage
IR@ VRRM
Reverse
Stand-off
Voltage
Maximum
Reverse
Surge
Current
Maximum
Clamping
Voltage
VC @IPP
Part Number
Marking Code
Min
Max
IT
IR
VRRM
IPP
VC
Uni-directional
Uni-directional
V
mA
µA
V
A
V
S4AF5.0A
4J5.0A
6.4
7.00
10
800
5.0
43.48
9.2
S4AF6.0A
4J6.0A
6.67
7.37
10
800
6.0
38.83
10.3
S4AF6.5A
4J6.5A
7.22
7.98
10
500
6.5
35.71
11.2
S4AF7.0A
4J7.0A
7.78
8.60
10
200
7.0
33.3
12.0
S4AF7.5A
4J7.5A
8.33
9.21
1
100
7.5
31.01
12.9
S4AF8.0A
4J8.0A
8.89
9.83
1
50
8.0
29.41
13.6
S4AF8.5A
4J8.5A
9.44
10.4
1
10
8.5
27.78
14.4
S4AF9.0A
4J9.0A
10.0
11.1
1
5
9.0
25.97
15.4
S4AF10A
4J10A
11.1
12.3
1
5
10
23.5
17.0
S4AF11A
4J11A
12.2
13.5
1
5
11
21.98
18.2
S4AF12A
4J12A
13.3
14.7
1
5
12
20.1
19.9
S4AF13A
4J13A
14.4
15.9
1
5
13
18.6
21.5
S4AF14A
4J14A
15.6
17.2
1
5
14
17.24
23.2
S4AF15A
4J15A
16.7
18.5
1
5
15
16.39
24.4
S4AF16A
4J16A
17.8
19.7
1
5
16
15.38
26.0
S4AF17A
4J17A
18.9
20.9
1
5
17
14.49
27.6
S4AF18A
4J18A
20.0
22.1
1
5
18
13.7
29.2
S4AF19A
4J19A
21.1
23.3
1
5
19
13.0
30.8
S4AF20A
4J20A
22.2
24.5
1
5
20
12.3
32.4
S4AF22A
4J22A
24.4
26.9
1
5
22
11.27
35.5
S4AF24A
4J24A
26.7
29.5
1
5
24
10.28
38.9
S4AF26A
4J26A
28.9
31.9
1
5
26
9.5
42.1
S4AF28A
4J28A
31.1
34.4
1
5
28
8.81
45.4
S4AF30A
4J30A
33.3
36.8
1
5
30
8.26
48.4
S4AF33A
4J33A
36.7
40.6
1
5
33
7.5
53.3
S4AF36A
4J36A
40.0
44.2
1
5
36
6.88
58.1
S4AF40A
4J40A
44.4
49.1
1
5
40
6.2
64.5
S4AF43A
4J43A
47.8
52.8
1
5
43
5.76
69.4
S4AF45A
4J45A
50.0
55.3
1
5
45
5.5
72.7
S4AF48A
4J48A
53.3
58.9
1
5
48
5.17
77.4
S4AF51A
4J51A
56.7
62.7
1
5
51
4.85
82.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com