Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6AF12A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S6AF12A
Description  Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S6AF12A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S6AF12A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S6AF12A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S6AF12A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S6AF12A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
S6AF SERIES
5V ~ 85V, 600W
Peak Power Surface Mount TVS
05-Jun-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Breakdown
Voltage
VBR @ IT
Maximum
Reverse
Leakage
IR@ VRRM
Reverse
Stand-off
Voltage
Maximum
Reverse
Surge
Current
Maximum
Clamping
Voltage
VC @IPP
Part Number
Marking Code
Min
Max
IT
IR
VRRM
IPP
VC
Uni-directional
Uni-directional
V
mA
µA
V
A
V
S6AF5.0A
6J5.0A
6.4
7.00
10
800
5.0
65.3
9.2
S6AF6.0A
6J6.0A
6.67
7.37
10
800
6.0
58.3
10.3
S6AF6.5A
6J6.5A
7.22
7.98
10
500
6.5
53.6
11.2
S6AF7.0A
6J7.0A
7.78
8.60
10
200
7.0
50
12.0
S6AF7.5A
6J7.5A
8.33
9.21
1
100
7.5
46.6
12.9
S6AF8.0A
6J8.0A
8.89
9.83
1
50
8.0
44.2
13.6
S6AF8.5A
6J8.5A
9.44
10.4
1
20
8.5
41.7
14.4
S6AF9.0A
6J9.0A
10.0
11.1
1
10
9.0
39
15.4
S6AF10A
6J10A
11.1
12.3
1
5
10
35.3
17.0
S6AF11A
6J11A
12.2
13.5
1
1
11
33
18.2
S6AF12A
6J12A
13.3
14.7
1
1
12
30.2
19.9
S6AF13A
6J13A
14.4
15.9
1
1
13
28
21.5
S6AF14A
6J14A
15.6
17.2
1
1
14
25.9
23.2
S6AF15A
6J15A
16.7
18.5
1
1
15
24.6
24.4
S6AF16A
6J16A
17.8
19.7
1
1
16
23.1
26.0
S6AF17A
6J17A
18.9
20.9
1
1
17
21.8
27.6
S6AF18A
6J18A
20.0
22.1
1
1
18
20.6
29.2
S6AF19A
6J19A
21.1
23.3
1
1
19
19.5
30.8
S6AF20A
6J20A
22.2
24.5
1
1
20
18.6
32.4
S6AF22A
6J22A
24.4
26.9
1
1
22
16.9
35.5
S6AF24A
6J24A
26.7
29.5
1
1
24
15.5
38.9
S6AF26A
6J26A
28.9
31.9
1
1
26
14.3
42.1
S6AF28A
6J28A
31.1
34.4
1
1
28
13.3
45.4
S6AF30A
6J30A
33.3
36.8
1
1
30
12.4
48.4
S6AF33A
6J33A
36.7
40.6
1
1
33
11.3
53.3
S6AF36A
6J36A
40.0
44.2
1
1
36
10.4
58.1
S6AF40A
6J40A
44.4
49.1
1
1
40
9.3
64.5
S6AF43A
6J43A
47.8
52.8
1
1
43
8.7
69.4
S6AF45A
6J45A
50.0
55.3
1
1
45
8.3
72.7
S6AF48A
6J48A
53.3
58.9
1
1
48
7.8
77.4
S6AF51A
6J51A
56.7
62.7
1
1
51
7.3
82.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com