Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6AF14A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S6AF14A
Description  Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S6AF14A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S6AF14A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S6AF14A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S6AF14A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S6AF14A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
S6AF SERIES
5V ~ 85V, 600W
Peak Power Surface Mount TVS
05-Jun-2017 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Breakdown
Voltage
VBR @ IT
Maximum
Reverse
Leakage
IR@ VRRM
Reverse
Stand-off
Voltage
Maximum
Reverse
Surge
Current
Maximum
Clamping
Voltage
VC @IPP
Part Number
Marking Code
Min
Max
IT
IR
VRRM
IPP
VC
Uni-directional
Uni-directional
V
mA
µA
V
A
V
S6AF54A
6J54A
60.0
66.3
1
1
54
6.9
87.1
S6AF58A
6J58A
64.4
71.2
1
1
58
6.5
93.6
S6AF60A
6J60A
66.7
73.7
1
1
60
6.2
96.8
S6AF64A
6J64A
71.1
78.6
1
1
64
5.9
103.0
S6AF70A
6J70A
77.8
86.0
1
1
70
5.3
113.0
S6AF75A
6J75A
83.3
92.1
1
1
75
5.0
121.0
S6AF78A
6J78A
86.7
95.8
1
1
78
4.8
126.0
S6AF80A
6J80A
88.8
97.6
1
1
80
4.7
129.6
S6AF85A
6J85A
94.4
104
1
1
85
4.4
137.0
Note:
1.
Suffix ’A’ denotes 5% tolerance device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com