Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB101 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DB101
Description  Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB101 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DB101 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB101 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
DB101 ~ DB107
50V ~ 1000V, 1A
Surface Mount Bridge Rectifiers
09-Dec-2016 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
F
J
E
B
H
C
G
D
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass Passivated Die Construction
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
Designed for Surface Mount Application
APPLICATIONS
General Purpose 1 Phase Bridge
Rectifier Applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25°C ambient temperature unless otherwis e specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load,
de-rate current by 20%.)
Part Number
Parameter
Symbol
DB101
DB102
DB103
DB104
DB105
DB106
DB107
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Average Rectified Output Current
@60HZ Sine Wave
IO
1
A
Surge (Non-Repetitive) Forward Current
@60HZ Sine Wave,1Cycle,TJ=25°C
IFSM
30
A
Maximum Forward Voltage
@IF=0.5A
VFM
1.05
V
Peak Reverse Current
IRRM
10
µA
Current Squared Time @1ms≦
≦
≦
≦t<8.3ms,TJ=25°C
I
2t
3.7
A
2s
Typical Thermal Resistance from Junction to
Ambient
RθJA
68
Typical Thermal Resistance from Junction to
Lead
RθJL
15
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
DB-1
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
8.00
9.30
F
0.55 REF.
B
7.60
8.90
G
1.50 REF.
C
2.60
3.40
H
3.80
4.70
D
6.20
6.50
J
-
-
E
5.00
5.20


Similar Part No. - DB101

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB101 SURGE-DB101 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB101 DCCOM-DB101 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - DB101

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB05S. JUXING-UMB05S. Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com