Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB201S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DB201S
Description  Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB201S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DB201S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB201S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
DB201S ~ DB207S
50V ~ 1000V, 2A
Surface Mount Bridge Rectifiers
20-Dec-2016 Rev.D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass Passivated Die Construction
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
Designed for Surface Mount Application
APPLICATIONS
General Purpose 1 Phase Bridge Rectifier Applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25°C ambient temperature unless otherwis e specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load,
de-rate current by 20%.)
Part Number
Parameter
Symbol
DB
201S
DB
202S
DB
203S
DB
204S
DB
205S
DB
206S
DB
207S
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Average Rectified Output Current
@60HZ Sine Wave
IO
2
A
Surge (Non-Repetitive) Forward Current
@60HZ Sine Wave,1Cycle,TJ=25°C
IFSM
60
A
Peak Forward Voltage@ IF=1A
VFM
1.1
V
Peak Reverse Current
IRRM
10
µA
Current Squared Time
@1ms≦
≦
≦
≦t<8.3ms,TJ=25°C
I
2t
15
A
2s
Typical Thermal Resistance from Junction to
Ambient
RθJA
68
Typical Thermal Resistance from Junction to
Lead
RθJL
15
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
DB-1S
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
8.10
8.80
E
2.80
3.40
B
9.60
10.3
F
5.00
5.20
C
6.20
6.50
G
8.1 TYP.
D
0.95
1.20
H
0.20
0.35


Similar Part No. - DB201S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S Datasheet
106Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Rectron Semiconductor
DB201S RECTRON-DB201S Datasheet
378Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
SeCoS Halbleitertechnol...
DB201S SECOS-DB201S Datasheet
151Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB201S LUGUANG-DB201S Datasheet
164Kb / 2P
Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
DB201S KISEMICONDUCTOR-DB201S Datasheet
252Kb / 2P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - DB201S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB05S. JUXING-UMB05S. Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com