Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SDL03
Description  Plastic Encapsulate ESD Protection Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDL03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDL03_16 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDL03_16 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDL03_16 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SDL03~SDL24C
3V ~ 24V, 350W
Plastic Encapsulate ESD Protection Diodes
08-Mar-2016 Rev. C
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
FEATURES
61000-4-2(ESD):Air-15KV, Contact-8KV
Unidirectional & Birectional Configurations
Replacement for MLV (0805)
Protects One Power or I/O Port
Low Clamping Voltage
Ultra Low Capacitance:3pF Maximum
MECHANICAL DATA
Case:SOD-323, Molded plastic over passivated junction
Terminals:Solderable per MIL-STD-750, Method 2026
Approx. Weight:0.0041 grams
Mounting Position:Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323L
5K
7 inch
MARKING
Part Number
SDL03
SDL05
SDL08
SDL12
SDL15
SDL24
Marking
AA
AB
AC
AJ
AS
AT
Part Number
SDL03C
SDL05C
SDL08C
SDL12C
SDL15C
SDL24C
Marking
AQ
AL
AR
AM
AN
AP
MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power@ tp=8/20µs, see fig. 1
PPP
350
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOD-323L
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.30
2.70
D
1.60
1.80
B
1.15
1.35
E
0.25
0.40
C
0.80
1.00
F
0.05
0.25


Similar Part No. - SDL03_16

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDL03 SECOS-SDL03_15 Datasheet
265Kb / 3P
350W Plastic Encapsulate ESD Protection Diodes
More results

Similar Description - SDL03_16

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD03 SECOS-STESD03 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05-C SECOS-STESD05-C Datasheet
226Kb / 3P
Plastic Encapsulate ESD Protection Diodes
STESD03-C SECOS-STESD03-C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com