Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL08 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SDL08
Description  Plastic Encapsulate ESD Protection Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDL08 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SDL08 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDL08 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SDL08 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SDL03~SDL24C
3V ~ 24V, 350W
Plastic Encapsulate ESD Protection Diodes
08-Mar-2016 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS PER LINE (T
A=25°C unless otherwise specified)
Off-State
Capacitance,
1MHz Zero
dc Bias
Rated-
Stand-Off
Voltage
Reverse Breakdown Voltage
Maximum Clamping
Voltage@
8/20µs(see fig.2),
PPPM
Leakage
Current
0V @ 1MHz
VRWM
VBR @ IT
IR @ VRWM
Co
Peak Power
Dissipation
Max.
Min.
Max.
IT
VC @ IPP
Max.
Max.
Part
Number
1,2
W
V
V
V
mA
V
A
µ
A
pF
SDL03
350
3
4.75
5.25
1
7.5
1
20
3
SDL03C
350
3
4.75
5.25
1
7.5
1
20
3
SDL05
350
5
7.03
7.77
1
9.8
1
5
3
SDL05C
350
5
7.03
7.77
1
9.8
1
5
3
SDL08
350
8
8.93
9.87
1
13.4
1
1
3
SDL08C
350
8
8.93
9.87
1
13.4
1
1
3
SDL12
350
12
13.97
15.44
1
19
1
1
3
SDL12C
350
12
13.97
15.44
1
19
1
1
3
SDL15
350
15
17.39
19.22
1
24
1
1
3
SDL15C
350
15
17.39
19.22
1
24
1
1
3
SDL24
350
24
27.27
30.14
1
43
1
1
3
SDL24C
350
24
27.27
30.14
1
43
1
1
3
Notes:
1.
The part numbers with an additional “C” suffix are bidirectional devices, i.e. SDL03C.
2.
Unidirectional Only:Positive potential is applied from pin 1 to 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com