Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB50 Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # MB50
Description  BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

MB50 Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  MB50 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. MB50 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. MB50 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. MB50 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTERNATIONAL
FEATURES
Internal power supplies for electronic equipments
DC Power supplies
TYPICAL APPLICATIONS
L
Reverse voltage upto 1600V
Epoxy insulated
TECHNICAL DATA
DEVICE TYPE
VRRM
(V)
50-10
1000
50-12
1200
50-16
1600
1
www.rectifierindia.com
April 2011
MB
MB
MB
MB 50
1 - O BRIDGE RECTIFIER
IDC
=85 C
50 amp.
IFSM
I2t
Tvj=130
Tvj=130 C
500 amp.
1250 A2S
IRRM
Tvj=25 C
Tvj=130 C
1.0mA
7.0mA
VF
Tvj=25 C (IF =50 Amp.); max
1.17 V
Vo
Ro
Tvj=25 C
0.85 V
5 mA
Rth(j-c)
Tvj
Tstg
1.1 C/W
125 C
Mounting torque
2.5 Nm
Weight
Approx.
20 gm
IR-10,IR-11,IR-12,IR-13
Package Outline
125 C
SYMBOL
CONDITIONS
VALUES
Tcase
C
(I = 25 Amp.); max
F
Visol
2500 V
A.C. 50hz r.m.s Duration 1 min
VRSM
(V)
1100
1300
1700


Similar Part No. - MB50

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MB50-CP MITSUBISHI-MB50-CP Datasheet
1Mb / 105P
TECHNICAL NOTES
MB50-SP MITSUBISHI-MB50-SP Datasheet
1Mb / 105P
TECHNICAL NOTES
logo
MicroPower Direct, LLC
MB5000RU MPD-MB5000RU Datasheet
1Mb / 4P
MB5000RU SERIES
MB5000RW MPD-MB5000RW Datasheet
1Mb / 4P
MB5000RW SERIES
logo
List of Unclassifed Man...
MB5001C ETC2-MB5001C Datasheet
966Kb / 2P
Rugged metal housing with DIN-Rail / Wall-Mount
More results

Similar Description - MB50

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com