Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBO25-14AO2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBO25-14AO2
Description  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO25-14AO2 Datasheet(HTML) 1 Page - IXYS Corporation

  VBO25-14AO2 Datasheet HTML 1Page - IXYS Corporation VBO25-14AO2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
VBO 25
Standard and Avalanche Types
V
RSM
V
BRmin ①
V
RRM
Standard
Avalanche
V
V
V
Types
Types
900
800
VBO 25-08NO2
1300
1230
1200
VBO 25-12NO2 VBO 25-12AO2
1500
1430
1400
VBO 25-14NO2 VBO 25-14AO2
1700
1630
1600
VBO 25-16NO2 VBO 25-16AO2
① For Avalanche Types only
Features
• Avalanche rated parts available
• Package with DCB ceramic base plate
• Isolation voltage 3600 V~
• Planar passivated chips
• Low forward voltage drop
• ¼" fast-on terminals
• UL registered E 72873
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with one screw
• Space and weight savings
• Improved temperature and power cycling
Symbol
Test Conditions
Maximum Ratings
I
dAV
②
T
C = 85°C, module
38
A
I
dAVM
module
40
A
P
RSM
T
VJ
= T
VJM
t = 10
µs
3.4
kW
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
370
A
V
R = 0
t = 8.3 ms (60 Hz), sine
390
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
320
A
V
R = 0
t = 8.3 ms (60 Hz), sine
340
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
680
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
640
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
510
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
470
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
1.5-2
Nm
(10-32 UNF)
13-18
lb.in.
Weight
typ.
15
g
I
dAV
= 38 A
V
RRM = 800-1600 V
Data according to IEC 60747 and refer to a single diode unless otherwise stated
② for resistive load at bridge output, ③ with isolated fast-on tabs.
Dimensions in mm (1 mm = 0.0394")
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
≤
0.3
mA
V
R
= V
RRM;TVJ = TVJM
≤
5mA
V
F
I
F
= 55 A;
T
VJ = 25°C
≤
1.36
V
V
T0
For power-loss calculations only
0.85
V
r
T
T
VJ = TVJM
8m
Ω
R
thJC
per diode, DC current
2.8
K/W
per module
0.7
K/W
R
thJK
per diode, DC current
3.2
K/W
per module
0.8
K/W
d
S
Creeping distance on surface
13
mm
d
A
Creepage distance in air
③
9.5
mm
a
Max. allowable acceleration
50
m/s2
Single Phase
Rectifier Bridge
~
~
+
–
+
–
~
~


Similar Part No. - VBO25-14AO2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
VBO20-08NO2 IXYS-VBO20-08NO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-12AO2 IXYS-VBO20-12AO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-12NO2 IXYS-VBO20-12NO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-14AO2 IXYS-VBO20-14AO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
More results

Similar Description - VBO25-14AO2

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC800 DIOTEC-KBPC800_17 Datasheet
223Kb / 2P
Single Phase Bridge Rectifier
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com