Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40TPS Datasheet(PDF) 2 Page - International Rectifier

Part # 40TPS
Description  PHASE CONTROL SCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40TPS Datasheet(HTML) 2 Page - International Rectifier

  40TPS Datasheet HTML 1Page - International Rectifier 40TPS Datasheet HTML 2Page - International Rectifier 40TPS Datasheet HTML 3Page - International Rectifier 40TPS Datasheet HTML 4Page - International Rectifier 40TPS Datasheet HTML 5Page - International Rectifier 40TPS Datasheet HTML 6Page - International Rectifier 40TPS Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
40TPS.. SAFE
IR Series
Bulletin I2107 rev. F 03/03
www.irf.com
I
T(AV)
Max. Average On-state Current
35
A
@ T
C = 79° C, 180° conduction half sine wave
I
T(RMS)
Max. Continuous RMS
55
On-state Current As AC switch
I
TSM
Max.Peak One Cycle Non-Repetitive
500
A
10ms Sine pulse, rated VRRM applied
Initial
Surge Current
600
10ms Sine pulse, no voltage reapplied
T
J = TJ max.
I2t
Max. I2t for Fusing
1250
A2s
10ms Sine pulse, rated V
RRM applied
1760
10ms Sine pulse, no voltage reapplied
I2√t
Max. I2√t for Fusing
12500
A2√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)
1 Low Level Value of Threshold
1.02
V
T
J = 125°C
Voltage
V
T(TO)
2 High Level Value of Threshold
1.23
Voltage
r
t1
Low Level Value of On-state
9.74
mΩ
Slope Resistance
r
t2
High Level Value of On-state
7.50
Slope Resistance
VTM
Max. Peak On-state Voltage
1.85
V
@ 110A, T
J = 25°C
di/dt
Max.RateofRiseofTurned-onCurrent
100
A/µs
TJ = 25°C
I
H
Max. Holding Current
150
mA
I
L
Max. Latching Current
300
I
RRM/
Max. Reverse and Direct
0.5
mA
T
J = 25°C
I
DRM
Leakage Current
10
T
J = 125°C
dv/dt
Max. Rate of Rise
40TPS08
500
V/µs
TJ = TJ max., linear to 80% V
DRM , R
g-k = open
of Off-state Voltage
40TPS12
1000
Voltage Ratings
Part Number
V
RRM/ VDRM, max. repetitive
V
RSM , maximum non repetitive
I
RRM/ IDRM
peak and off-state voltage
peak reverse voltage
125°C
VV
mA
40TPS08
800
900
10
40TPS12
1200
1300
Absolute Maximum Ratings
Parameters
40TPS..
Units
Conditions
V
R = rated VRRM/ VDRM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com