Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # MCT2
Description  Industry Standard Single Channel 6 Pin DIP Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MCT2 Datasheet(HTML) 3 Page - Infineon Technologies AG

  MCT2 Datasheet HTML 1Page - Infineon Technologies AG MCT2 Datasheet HTML 2Page - Infineon Technologies AG MCT2 Datasheet HTML 3Page - Infineon Technologies AG MCT2 Datasheet HTML 4Page - Infineon Technologies AG MCT2 Datasheet HTML 5Page - Infineon Technologies AG MCT2 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Phototransistor, Industry Standard
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
2–55
March 27, 2000-00
4N35/36/37/38—Characteristics TA=25°C
* Indicates JEDEC registered value
H11A1 through H11A5—Characteristics TA=25°C
Emitter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage*
VF
0.9
1.3
1.5
1.7
V
IF=10 mA
IF=10 mA, TA=–55°C
Reverse Current*
IR
0.1
10
µA
VR=6.0 V
Capacitance
CO
25
—
pF
VR=0, f=1.0 MHz
Detector
Breakdown Voltage, Collector-Emitter*
4N35/36/37
BVCEO
30
——
V
IC=1.0 mA
4N38
80
——
Breakdown Voltage, Emitter-Collector*
BVECO
7.0
——
V
IE=100 µA
Breakdown Voltage, Collector-Base*
4N35/36/37
BVCBO
70
——
V
IC=100 µA, IB=1.0 µA
4N38
80
———
Leakage Current, Collector-Emitter*
4N35/36/37
ICEO
—
5.0
50
nA
VCE=10 V, IF=0
4N38
——
50
VCE=60 V, IF=0
Leakage Current, Collector-Emitter*
4N35/36/37
ICEO
——
500
µA
VCE=30 V, IF=0, TA=100°C
4N38
—
6.0
—
VCE=60 V, IF=0, TA=100°C
Capacitance, Collector-Emitter
CCE
—
6.0
—
pF
VCE=0
Package
DC Current Transfer Ratio*
4N35/36/37
CTR
100
——
%
VCE=10 V, IF=10 mA,
4N38
20
——
VCE=1.0 V, IF=20 mA
DC Current Transfer Ratio*
4N35/36/37
CTR
40
50
—
%
VCE=10 V, IF=10 mA,
TA=–55 to 100°C
4N38
——
30
——
Resistance, Input to Output*
RIO
1011
——
Ω
VIO=500 V
Coupling Capacitance
CIO
—
0.5
—
pF
f=1.0 MHz
Switching Time*
tON, tOFF
—
10
—
µs
IC=2.0 mA, RL=100 Ω, VCC=10 V
Emitter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
H11A1–H11A4
VF
—
1.1
1.5
V
IF=10 mA
H11A5
—
1.1
1.7
Reverse Current
IR
——
10
µA
VR=3.0 V
Capacitance
C0
—
50
—
pF
VR=0, f=1.0 MHz
Detector
Breakdown Voltage, Collector-Emitter
BVCEO
30
——
V
IC=1.0 mA, IF=0 mA
Breakdown Voltage, Emitter-Collector
BVECO
7.0
——
V
IE=100 µA, IF=0 mA
Breakdown Voltage, Collector-Base
BVCBO
70
——
V
IC=10 µA, IF=0 mA
Leakage Current, Collector-Emitter
ICEO
—
5.0
50
nA
VCE=10 V, IF=0 mA
Capacitance, Collector-Emitter
CCE
—
6.0
—
pF
VCE=0
Package
DC Current Transfer Ratio
H11A1
CTR
50
——
%
VCE=10 V, IF=10 mA
H11A2/3
20
——
H11A4
10
——
H11A5
30
——
Saturation Voltage, Collector-Emitter
VCEsat
——
0.4
V
ICE=0.5 mA, IF=10 mA
Capacitance, Input to Output
CIO
—
0.5
—
pF
—
Switching Time
tON, tOFF
—
3.0
—
µs
IC=2.0 mA, RL=100 Ω, VCE=10 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com