Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45LR120D Datasheet(PDF) 2 Page - International Rectifier

Part # 45LR120D
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR120D Datasheet(HTML) 2 Page - International Rectifier

  45LR120D Datasheet HTML 1Page - International Rectifier 45LR120D Datasheet HTML 2Page - International Rectifier 45LR120D Datasheet HTML 3Page - International Rectifier 45LR120D Datasheet HTML 4Page - International Rectifier 45LR120D Datasheet HTML 5Page - International Rectifier 45LR120D Datasheet HTML 6Page - International Rectifier 45LR120D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
45L(R)..D Series
2
www.irf.com
Bulletin I2030 rev. A 11/94
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J = TJ max.
VV
mA
120
1200
1440
160
1600
1920
45L(R)..D
40
Forward Conduction
I
F(AV)
Max. average forward current
150
A
180° conduction, half sine wave
@ Case temperature
150
°C
I
F(RMS)
Max. RMS forward current
235
A
DC @ 142°C case temperature
I
FSM
Max. peak, one-cycle forward,
3570
t = 10ms
No voltage
non-repetitive surge current
3740
t = 8.3ms
reapplied
3000
t = 10ms
100% V
RRM
3140
t = 8.3ms
reapplied
Sinusoidal half wave,
I2 t
Maximum I2t for fusing
64
t = 10ms
No voltage
Initial T
J = TJ max.
58
t = 8.3ms
reapplied
45
t = 10ms
100% V
RRM
41
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
640
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.33
V
I
pk
= 471A, T
J
= 25°C, t
p
= 10ms sinusoidal wave
Parameter
45L(R)..D
Units
Conditions
KA2s
A
V
m
Ω
0.91
(I > x
π x I
F(AV)
),T
J
= T
J
max.
1.42
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.83
(I > x
π x I
F(AV)
),T
J
= T
J
max.
0.67
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com