Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT271 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # MCT271
Description  Industry Standard Single Channel 6 Pin DIP Optocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MCT271 Datasheet(HTML) 2 Page - Infineon Technologies AG

  MCT271 Datasheet HTML 1Page - Infineon Technologies AG MCT271 Datasheet HTML 2Page - Infineon Technologies AG MCT271 Datasheet HTML 3Page - Infineon Technologies AG MCT271 Datasheet HTML 4Page - Infineon Technologies AG MCT271 Datasheet HTML 5Page - Infineon Technologies AG MCT271 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 2001 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Phototransistor, Industry Standard
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
2–54
March 27, 2000-00
Maximum Ratings TA=25°C
Emitter
Reverse Voltage .......................................................................................... 6.0 V
Forward Current ........................................................................................ 60 mA
Surge Current (t
≤10 µs)............................................................................... 2.5 A
Power Dissipation................................................................................... 100 mW
Detector
Collector-Emitter Breakdown Voltage........................................................... 70 V
Emitter-Base Breakdown Voltage ................................................................ 7.0 V
Collector Current ....................................................................................... 50 mA
Collector Current(t <1.0 ms).................................................................... 100 mA
Power Dissipation................................................................................... 150 mW
Package
Isolation Test Voltage.......................................................................... 5300 VRMS
Creepage ..............................................................................................
≥7.0 mm
Clearance .............................................................................................
≥7.0 mm
Isolation Thickness between Emitter and Detector ...............................
≥0.4 mm
Comparative Tracking Index per DIN IEC 112/VDE0303, part 1 .................. 175
Isolation Resistance
VIO=500 V, TA=25°C...............................................................................10
12 Ω
VIO=500 V, TA=100°C............................................................................ 10
11 Ω
Storage Temperature................................................................ –55
°C to +150°C
Operating Temperature ............................................................ –55
°C to +100°C
Junction Temperature................................................................................ 100
°C
Soldering Temperature (max. 10 s, dip soldering:
distance to seating plane
≥1.5 mm) ...................................................... 260°C
4N25/26/27/28—Characteristics TA=25°C
* Indicates JEDEC registered values
Emitter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage*
VF
—
1.3
1.5
V
IF=50 mA
Reverse Current*
IR
—
0.1
100
µA
VR=3.0 V
Capacitance
CO
—
25
—
pF
VR=0
Detector
Breakdown Voltage*
Collector-Emitter
BVCEO
30
——
V
IC=1.0 mA
Emitter-Collector
BVECO
7.0
——
IE=100 µA
Collector-Base
BVCBO
70
——
IC=100 µA
ICEO(dark)*
4N25/26/27
4N28
——
5.0
10
50
100
nA
VCE=10 V, (base open)
ICBO(dark)*
——
2.0
20
nA
VCB=10 V, (emitter open)
Capacitance, Collector-Emitter
CCE
—
6.0
—
pF
VCE=0
Package
DC Current Transfer Ratio*
4N25/26
CTR
20
50
—
%
VCE=10 V, IF=10 mA
4N27/28
10
30
—
Isolation Voltage*
4N25
VIO
2500
——
V
Peak, 60 Hz
4N26/27
1500
——
4N28
500
——
Saturation Voltage, Collector-Emitter
VCE(sat)
——
0.5
V
ICE=2.0 mA, IF=50 mA
Resistance, Input to Output*
RIO
100
——
G
Ω
VIO=500 V
Coupling Capacitance
CIO
—
0.5
—
pF
f=1.0 MHz
Rise and Fall Times
tr, tf
—
2.0
—
µs
IF=10 mA
VCE=10 V, RL=100 Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com