Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5Z12 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MM5Z12
Description  SMD Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM5Z12 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MM5Z12 Datasheet HTML 1Page - Diotec Semiconductor MM5Z12 Datasheet HTML 2Page - Diotec Semiconductor MM5Z12 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM5Z2V4 ... MM5Z47
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Code
Zener voltage
1)
Zener-Spanng.
1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current
2)
Z-Strom
2)
TA = 25°C
MM5Z...
Vzmin [V]
Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10
-4/°C]
VR [V]
IR [µA]
IZmax [mA]
2V4
Z7
2.2
2.6
< 85
< 600
-8...-5
1.0
20
77
2V7
A8
2.5
2.9
< 85
< 600
-8...-5
1.0
20
69
3V0
B8
2.8
3.2
< 85
< 600
-8...-5
1.0
10
63
3V3
C8
3.1
3.5
< 85
< 600
-8...-5
1.0
5
57
3V6
D8
3.4
3.8
< 85
< 600
-8...-5
1.0
5
53
3V9
E8
3.7
4.1
< 85
< 600
-8...-5
1.0
3
49
4V3
F8
4.0
4.6
< 80
< 600
-7...-4
1.0
3
43
4V7
G8
4.4
5.0
< 80
< 500
-5...-2
2.0
3
40
5V1
H8
4.8
5.4
< 60
< 480
-2...+2
2.0
2
37
5V6
I8
5.2
6.0
< 40
< 400
-1...+4
2.0
1
33
6V2
J8
5.8
6.6
< 10
< 150
+2...+5
4.0
3
30
6V8
K8
6.4
7.2
< 15
< 80
+3...+6
4.0
2
28
7V5
L8
7.0
7.9
< 15
< 80
+3...+6
5.0
1
25
8V2
M8
7.7
8.7
< 15
< 80
+4...+7
5.0
0.7
23
9V1
N8
8.5
9.6
< 15
< 100
+4...+7
6.0
0.5
21
10
O8
9.4
10.6
< 20
< 150
+5...+8
7.0
0.2
19
11
P8
10.4
11.6
< 20
< 150
+5...+8
8.0
0.1
17
12
Q8
11.4
12.7
< 25
< 150
+5...+8
8.0
0.1
16
13
R8
12.4
14.1
< 30
< 170
+6...+9
8.0
0.1
14
15
S8
13.8
15.6
< 30
< 200
+6...+9
10.5
0.05
13
IZ =
2 mA
2 mA
2 mA
1 mA
16
T8
15.3
17.1
< 40
< 200
+6...+9
11.2
0.05
12
18
U8
16.8
19.1
< 45
< 225
+6...+9
12.6
0.05
10
20
V8
18.8
21.2
< 55
< 225
+6...+9
14.0
0.05
9
22
W8
20.8
23.3
< 55
< 250
+7...+10
15.4
0.05
9
24
X8
22.8
25.6
< 70
< 250
+7...+10
16.8
0.05
8
27
Y8
25.1
28.9
< 80
< 300
+7...+10
18.9
0.05
7
30
Z8
28
32
< 80
< 300
+7...+10
21.0
0.05
6
33
A9
31
35
< 80
< 325
+7...+10
23.2
0.05
6
36
B9
34
38
< 90
< 350
+7...+10
25.2
0.05
5
39
C9
37
41
< 130
< 350
+7...+10
27.3
0.05
5
IZ =
1 mA
1 mA
1 mA
1 mA
43
E9
40
46
< 150
< 375
+7...+10
30.1
0.05
4
47
F9
44
50
< 170
< 375
+7...+10
32.9
0.05
4
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 3 mm
2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com