Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3078990821 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 3078990821
Description  Antenna/ RFID Rods
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

3078990821 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  3078990821 Datasheet HTML 1Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Antenna/ RFID Rods (3078990821)
Part Number: 3078990821
78 ROD
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
•– The last digit 1 = Uncoated Rod and 4 = Parylene Coated Rod. Parylene C is RoHS compliant.
These rods are designed for use in antenna and RFID transponder applications. Rods are available in three materials to cover a
frequency range from 50 kHz to 25 MHz. Suggested frequency ranges: 78 material < 200 kHz, 61 material 0.2 – 5.0 MHz and 67
material > 5.0 MHz.
The “Antenna/ RFID Kit” (part number 0199000024) contains a selection of these rods.
•For any rod requirement not listed here, feel free to contact our customer service group for availability and pricing.
Weight: 0.02 (g)
Electrical Properties
μ
ROD
48
Ae(cm
2)
0.00442
Fair- Rite Products Corp.   •   One Commercial Row, Wallkill, New York 12589-0288
888-324-7748   •   845-895-2055   •   Fax: 845-895-2629   •   ferrites@fair- rite.com   •   www.fair- rite.com
Dim
mm
mm tol
nominal inch
inch misc.
A
0.75
±0.025
0.03
_
C
7.5
±0.25
0.295
_


Similar Part No. - 3078990821

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
3078990831 FAIR-RITE-3078990831 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3078990841 FAIR-RITE-3078990841 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3078990851 FAIR-RITE-3078990851 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3078990861 FAIR-RITE-3078990861 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3078990871 FAIR-RITE-3078990871 Datasheet
514Kb / 1P
Antenna/ RFID Rods
More results

Similar Description - 3078990821

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
3061990821 FAIR-RITE-3061990821 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3078990841 FAIR-RITE-3078990841 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990871 FAIR-RITE-3067990871 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990861 FAIR-RITE-3067990861 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990841 FAIR-RITE-3067990841 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990821 FAIR-RITE-3067990821 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3061990891 FAIR-RITE-3061990891 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3061990841 FAIR-RITE-3061990841 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3078990881 FAIR-RITE-3078990881 Datasheet
519Kb / 1P
Antenna/ RFID Rods
3078990871 FAIR-RITE-3078990871 Datasheet
514Kb / 1P
Antenna/ RFID Rods
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com