Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514221B-40JS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM514221B-40JS
Description  262,263-Word x 4-Bit Field Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514221B-40JS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM514221B-40JS Datasheet HTML 1Page - OKI electronic componets MSM514221B-40JS Datasheet HTML 2Page - OKI electronic componets MSM514221B-40JS Datasheet HTML 3Page - OKI electronic componets MSM514221B-40JS Datasheet HTML 4Page - OKI electronic componets MSM514221B-40JS Datasheet HTML 5Page - OKI electronic componets MSM514221B-40JS Datasheet HTML 6Page - OKI electronic componets MSM514221B-40JS Datasheet HTML 7Page - OKI electronic componets MSM514221B-40JS Datasheet HTML 8Page - OKI electronic componets MSM514221B-40JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
¡ Semiconductor
MSM514221B
FEATURES
• Single power supply: 5 V
±10%
• 512 Rows ¥ 512 Column ¥ 4 bits
• Fast FIFO (First-in First-out)operation
• High speed asynchronous serial access
Read/Write cycle time
30 ns/40 ns/60 ns
Access time
25 ns/30 ns/50 ns
• Functional compatibility with OKI MSM518221
• Self refresh (No refresh control is required)
• Package options:
16-pin 300 mil plastic DIP
(DIP16-P-300-2.54-W1)
(Product : MSM514221B-xxRS)
26/20-pin 300 mil plastic SOJ (SOJ26/20-P-300-1.27)
(Product : MSM514221B-xxJS)
20-pin 400 mil plastic ZIP
(ZIP20-P-400-1.27)
(Product : MSM514221B-xxZS)
xx indicates speed rank.
PRODUCT FAMILY
Family
Cycle Time (Min.)
Access Time (Max.)
Package
MSM514221B-30RS
30 ns
25 ns
MSM514221B-40RS
40 ns
30 ns
300 mil 16-pin DIP
MSM514221B-60RS
60 ns
50 ns
MSM514221B-30JS
30 ns
25 ns
MSM514221B-40JS
40 ns
30 ns
300 mil 26/20-pin SOJ
MSM514221B-60JS
60 ns
50 ns
MSM514221B-30ZS
30 ns
25 ns
MSM514221B-40ZS
40 ns
30 ns
400 mil 20-pin ZIP
MSM514221B-60ZS
60 ns
50 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com