Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOSIC Datasheet(PDF) 1 Page - TT Electronics.

Part # DOSIC
Description  Ultrasonic Flow Meter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DOSIC Datasheet(HTML) 1 Page - TT Electronics.

  DOSIC Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ultrasonic Flow Meter
DOSIC
© TT electronics plc
Issue A
07/2018 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The non-contact DOSIC® flowmeter detects the flow volume of conductive and non-conductive liquids based on ultrasonic
technology. With its measurement channel and stainless-steel housing, the ultrasonic flowmeter is suitable for measuring
tasks in hygienic environments.
The compact and rugged design offers a wide variety of application possibilities, including in those where space restrictions
or aggressive media play a role. Installation is quick and easy, and does not require medium calibration.
The seal-free, self-draining measuring tube enhances process reliability. Up to two configurable digital and analog outputs
as well as the IO-Link interface ensure the right initial situation. The DOSIC® is EHEDG-certified and FDA-compliant.
Applications:
Flow measurement in the food and beverage industry
Use in CIP systems
Flow monitoring in rinsing circuits with demineralized water
Flow measurement in cooling circuits
Monitoring the flow rate in dairies and measuring systems
Features:
Flow measurement for water and oil-based liquids
Seal-free stainless-steel 316L sensor with RA ≤ 0.8
Straight, self-draining measuring tube
Compact design with short installation lengths
Configurable digital outputs
Temperature measurement
IP 67/69 enclosure rating, CIP/SIP-compatible, IO-Link version 1.1
Technical Data Overview
Measurement principle
Ultrasonic sensor
Medium
Conductive and non-conductive liquids
Output signal
1 x analog output: 4 mA ... 20 mA, 2 x digital input or output
(configurable)
1) 2)
2 x analog output: 4 mA ... 20 mA, 2 x digital input or output
(configurable)
1) 2)
Nominal width measuring tube
DN 15 / DN 25
Maximum adjustable measuring range
0 l/min ... 240 l/min


Similar Part No. - DOSIC

ManufacturerPart #DatasheetDescription
logo
SICK AG
DOS-0303-W SICK-DOS-0303-W Datasheet
465Kb / 3P
Plug Connector
DOS-0607G000GA3KM0 SICK-DOS-0607G000GA3KM0 Datasheet
324Kb / 4P
Plug connector cable
DOS-0607W000GA3KU0 SICK-DOS-0607W000GA3KU0 Datasheet
290Kb / 4P
Plug connector cable
DOS-0607W000IA3KU0 SICK-DOS-0607W000IA3KU0 Datasheet
359Kb / 4P
Plug connector cable
DOS-0612G000GA3KM0 SICK-DOS-0612G000GA3KM0 Datasheet
357Kb / 4P
Plug connector cable
More results

Similar Description - DOSIC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS7-64 FUJI-EDS7-64 Datasheet
149Kb / 4P
ULTRASONIC LIQUID LEVEL METER
logo
List of Unclassifed Man...
SLQ-QT500 ETC2-SLQ-QT500 Datasheet
580Kb / 7P
High Purity Flow Meter
logo
ams AG
TDC-GP21 AMSCO-TDC-GP21 Datasheet
3Mb / 91P
Ultrasonic-Flow-Converter
TDC-GP22 AMSCO-TDC-GP22 Datasheet
3Mb / 93P
Ultrasonic-Flow-Converter
TDC-GP30 AMSCO-TDC-GP30 Datasheet
1Mb / 89P
Ultrasonic-Flow-Converter
logo
TT Electronics.
DS1012 TTELEC-DS1012 Datasheet
335Kb / 1P
Turbine Flow Meter
DS1173 TTELEC-DS1173 Datasheet
304Kb / 1P
Compressed Air Flow Meter
FFU TTELEC-FFU Datasheet
330Kb / 1P
Ultrasonic Flow Meter
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
Analog Mass Flow Meter
Version 0.4
logo
Sciosense B.V.
UFM-01 SCIOSENSE-UFM-01 Datasheet
1Mb / 2P
Ultrasonic Flow Sensor Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com