Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM514260CSL Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM514260CSL
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514260CSL Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM514260CSL Datasheet HTML 2Page - OKI electronic componets MSM514260CSL Datasheet HTML 3Page - OKI electronic componets MSM514260CSL Datasheet HTML 4Page - OKI electronic componets MSM514260CSL Datasheet HTML 5Page - OKI electronic componets MSM514260CSL Datasheet HTML 6Page - OKI electronic componets MSM514260CSL Datasheet HTML 7Page - OKI electronic componets MSM514260CSL Datasheet HTML 8Page - OKI electronic componets MSM514260CSL Datasheet HTML 9Page - OKI electronic componets MSM514260CSL Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
¡ Semiconductor
MSM514260C/CSL
AC Characteristics (1/2)
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from RAS
Access Time from CAS
Access Time from Column Address
Access Time from CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
Transition Time
RAS Precharge Time
RAS Pulse Width
RAS Pulse Width (Fast Page Mode)
RAS Hold Time
CAS Pulse Width
CAS Hold Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
CAS to RAS Precharge Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address Hold Time from RAS
Column Address to RAS Lead Time
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to RAS
Access Time from OE
OE to Data Output Buffer Turn-off Delay Time
Refresh Period
Refresh Period (SL version)
RAS Hold Time referenced to OE
RAS Hold Time from CAS Precharge
Output Low Impedance Time from CAS
CAS Precharge Time (Fast Page Mode)
Parameter
MSM514260
C/CSL-60
MSM514260
C/CSL-70
MSM514260
C/CSL-50
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
Unit
tRC
tRWC
tPC
tPRWC
tRAC
tCAC
tAA
tCPA
tOFF
tT
tRP
tRAS
tRASP
tRSH
tCAS
tCSH
tRCD
tRAD
tCRP
tASR
tRAH
tASC
tCAH
tRAL
tRCS
tRCH
tRRH
tOEA
tOEZ
tREF
tREF
tROH
tRHCP
tCLZ
tCP
tAR
Symbol
Note
4, 5, 6
4, 5
4, 6
4, 12
7
14
5
6
12
11
11
11
8, 11
8
4
7
4
3
15
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ms
ns
ns
ns
Min.
90
130
35
75
—
—
—
—
0
0
3
30
50
50
15
10
15
50
20
15
10
0
10
0
10
25
0
0
0
—
0
—
—
10
30
40
8
Max.
—
—
—
—
50
15
25
30
—
15
50
—
10,000
100,000
—
—
10,000
—
35
25
—
—
—
—
—
—
—
—
—
15
15
128
—
—
—
Min.
130
180
45
95
—
—
—
—
0
0
3
50
70
70
20
10
20
70
20
15
10
0
10
0
15
35
0
0
0
—
0
—
—
20
40
55
Max.
—
—
—
—
70
20
35
40
—
15
50
—
10,000
100,000
—
—
10,000
—
50
35
—
—
—
—
—
—
—
—
—
20
15
8
128
—
—
—
Min.
110
150
40
80
—
—
—
—
0
0
3
40
60
60
15
10
15
60
20
15
10
0
10
0
10
30
0
0
0
—
0
—
—
15
35
50
Max.
—
—
—
—
60
15
30
35
—
15
50
—
10,000
100,000
—
—
10,000
—
45
30
—
—
—
—
—
—
—
—
—
—
15
15
8
128
—
—12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com