Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP61 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP61
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP61 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP61 Datasheet HTML 6Page - Texas Instruments TMP61 Datasheet HTML 7Page - Texas Instruments TMP61 Datasheet HTML 8Page - Texas Instruments TMP61 Datasheet HTML 9Page - Texas Instruments TMP61 Datasheet HTML 10Page - Texas Instruments TMP61 Datasheet HTML 11Page - Texas Instruments TMP61 Datasheet HTML 12Page - Texas Instruments TMP61 Datasheet HTML 13Page - Texas Instruments TMP61 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
TMP61
SBOS921 – DECEMBER 2018
www.ti.com
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 2. TMP61 Transfer Table Using a Voltage Divider With an Ideal VBias of 2.5 V and RBias of 10 kΩ With
±0.01% Tolerance (continued)
TEMPERA
TURE (°C)
Resistance (Ω)(1)
ΔR/ΔT
(Ω/°C)
Temperature Error(2)
(°C)
Min.
Typ.
Max.
–25
7058
7165
7273
47
2.30
–20
7293
7404
7515
49
2.29
–15
7536
7651
7765
50
2.28
–10
7788
7906
8025
52
2.28
–5
8048
8170
8293
54
2.29
0
8358
8442
8527
55
1.53
5
8635
8722
8809
57
1.54
10
8920
9010
9100
58
1.55
15
9212
9305
9398
60
1.56
20
9511
9607
9703
61
1.57
25
9817
9916
10016
63
1.58
30
10131
10233
10335
64
1.60
35
10451
10557
10662
65
1.61
40
10779
10888
10997
67
1.63
45
11113
11226
11338
68
1.64
50
11455
11571
11687
70
1.66
55
11804
11923
12043
71
1.67
60
12161
12283
12406
73
1.69
65
12524
12651
12777
74
1.70
70
12896
13026
13156
76
1.72
75
13208
13409
13610
77
2.60
80
13593
13800
14007
79
2.62
85
13987
14200
14413
81
2.64
90
14390
14609
14828
83
2.65
95
14801
15026
15252
84
2.67
100
15222
15453
15685
86
2.68
105
15652
15890
16129
88
2.70
110
16093
16338
16583
91
2.71
115
16544
16796
17048
93
2.72
120
17006
17265
17524
95
2.73
125
17480
17746
18012
97
2.73
8.4 Device Functional Modes
The device has one mode of operation that applies when operated within the Recommended Operating
Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com