Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDGLW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSDGLW
Description  1A, 400V ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSDGLW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSDGLW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSDGLW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSDGLW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSDGLW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSDGLW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSDGLW
Taiwan Semiconductor
1
Version:C1706
1A, 400V ESD Capability Rectifier
FEATURES
● High ESD capability
● Glass passivated chip junction
● Ideal for automated placement
● Low forward voltage drop
● High surge current capability
● Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● Converter
MECHANICAL DATA
● Case: SOD-123W
● Molding compound meets UL 94V-0 flammability rating
● Part no. with suffix "H" means AEC-Q101 qualified
● Packing code with suffix "G" means green compound
(halogen-free)
● Moisture sensitivity level: level 1, per J-STD-020
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 19mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
1
A
VRRM
400
V
IFSM
40
A
VF at IF=1A
1
V
TJ MAX
175
°C
Package
SOD-123W
Configuration
Single die
SOD-123W
SOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSDGLW
UNIT
Marking code on the device
TSDGLW
Repetitive peak reverse voltage
VRRM
400
V
Reverse voltage, total rms value
VR(RMS)
280
V
Forward current
IF(AV)
1
A
Surge peak forward current, 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
40
A
Junction temperature
TJ
- 55 to +175
°C
Storage temperature
TSTG
- 55 to +175
°C


Similar Part No. - TSDGLW

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TSD FENGJUI-TSD Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
logo
Transko Electronics, In...
TSD TRANSKO-TSD Datasheet
286Kb / 1P
HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
logo
Automatic Timing & Cont...
TSD ATC-TSD Datasheet
260Kb / 1P
OFF-Delay Solid-State Output
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
Wide range of SAC... nuts for various different applications
More results

Similar Description - TSDGLW

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SUF140L BWTECH-SUF140L Datasheet
395Kb / 4P
Surface Mount ESD Capability Rectifiers 1.0 Amp 400V
logo
Vishay Siliconix
MSE1PJ VISHAY-MSE1PJ_15 Datasheet
94Kb / 5P
Surface Mount ESD Capability Rectifier
24-May-12
MSE07PB VISHAY-MSE07PB Datasheet
99Kb / 4P
Surface Mount ESD Capability Rectifier
09-Apr-14
MSX1PB VISHAY-MSX1PB Datasheet
108Kb / 5P
Surface-Mount ESD Capability Rectifier
24-Jan-18
logo
Taiwan Semiconductor Co...
S1GFL TSC-S1GFL Datasheet
440Kb / 6P
1A, 400V - 1000V Surface Mount Rectifier
TSD1G TSC-TSD1G Datasheet
316Kb / 6P
1A, 400V ESD Capability Rectifier
TSD2G TSC-TSD2G Datasheet
280Kb / 6P
2A, 400V ESD Capability Rectifier
TSD3G TSC-TSD3G Datasheet
314Kb / 6P
3A, 400V ESD Capability Rectifier
logo
Vishay Siliconix
MSQ1PG VISHAY-MSQ1PG Datasheet
113Kb / 5P
Surface-Mount ESD Capability Rectifier
04-Aug-2020
logo
Silicon Supplies
1N4004 SS-1N4004 Datasheet
283Kb / 2P
400V 1A Standard Rectifier
Rev 1.0 25/08/23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com