Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP05723 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05723
Description  SAW Filter 915.50MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05723 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05723 Datasheet HTML 1Page - Golledge Electronics Ltd MP05723 Datasheet HTML 2Page - Golledge Electronics Ltd MP05723 Datasheet HTML 3Page - Golledge Electronics Ltd MP05723 Datasheet HTML 4Page - Golledge Electronics Ltd MP05723 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 915.50MHz
Model: TA1456A
Part No: MP05723
Rev No: 1
TA1456A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Input Power Level: 15dBm
2. DC voltage: 5V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
915.5
-
Insertion Loss (902.5 ~ 928.5MHz) IL
dB
-
2.3
3.0
Amplitude Ripple (902.5 ~ 928.5MHz)
dB
-
0.6
1.5
VSWR (902.5 ~ 928.5MHz)
-
-
1.7
2.3
Group Delay at Fc
ns
-
31
100
Attenuation (Reference level from 0dB)
10 ~ 849.2MHz
dB
51
56
-
849.2 ~ 865MHz
dB
51
53
-
995 ~ 1710.2MHz
dB
51
54
-
1710.2 ~ 1909.8MHz
dB
41
55
-
1909.8 ~ 2500MHz
dB
30
40
-
Temperature Coefficient of Frequency
Ppm/°C
-
-36
-
C. MEASUREMENT CIRCUIT:

HP Network analyzer

SAW Filter
B
E
A,C,D,F


Similar Part No. - MP05723

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05724 GOLLEDGE-MP05724 Datasheet
168Kb / 6P
SAW Filter 1820.0MHz
More results

Similar Description - MP05723

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com