Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61541FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61541FP
Description  6ch Electronic Volume with Tone Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61541FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61541FP Datasheet HTML 8Page - Renesas Technology Corp M61541FP Datasheet HTML 9Page - Renesas Technology Corp M61541FP Datasheet HTML 10Page - Renesas Technology Corp M61541FP Datasheet HTML 11Page - Renesas Technology Corp M61541FP Datasheet HTML 12Page - Renesas Technology Corp M61541FP Datasheet HTML 13Page - Renesas Technology Corp M61541FP Datasheet HTML 14Page - Renesas Technology Corp M61541FP Datasheet HTML 15Page - Renesas Technology Corp M61541FP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
M61541FP
Preliminary
Rev.1.0 Sep 09, 2004 page 13 of 15
(2) Treble
IN
OUT
R4
R5
RC
IN
OUT
R4
R5
RC
< Boost >
<Cut >
Gv =20 log
(dB)
R4
2+RC2
(R4+R5)
2+ RC2
Gv =20 log
(dB)
(R4+R5)
2+ RC2
R4
2+RC2
0.022
0.022
+
µ
µ
+
+
+
-
-
[Designed Parameter]
RC=0.022
µF
Gain
Setting
Designed Parameter
R4(k
) R5(k
)
+14dB
+12dB
+10dB
+8dB
5.23
1.03
4.85
1.41
1.86
4.40
3.86
2.40
+6dB
+4dB
+2dB
3.20
3.06
3.90
2.36
1.31
4.95
Ω
Ω
[Designed Parameter]
RC=0.022
µF
Gain
Setting
Designed Parameter
R4(k
)
R5(k
)
-14dB
-12dB
-10dB
-8dB
5.23
1.03
4.85
1.41
1.86
4.40
3.86
2.40
-6dB
-4dB
-2dB
3.20
3.06
3.90
2.36
1.31
4.95
Ω
Ω
-
-
Curve of characteristics
Frequency f(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com