Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

306RPFS Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 306RPFS
Description  16-Channel CMOS Analog Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

306RPFS Datasheet(HTML) 3 Page - Maxwell Technologies

  306RPFS Datasheet HTML 1Page - Maxwell Technologies 306RPFS Datasheet HTML 2Page - Maxwell Technologies 306RPFS Datasheet HTML 3Page - Maxwell Technologies 306RPFS Datasheet HTML 4Page - Maxwell Technologies 306RPFS Datasheet HTML 5Page - Maxwell Technologies 306RPFS Datasheet HTML 6Page - Maxwell Technologies 306RPFS Datasheet HTML 7Page - Maxwell Technologies 306RPFS Datasheet HTML 8Page - Maxwell Technologies 306RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
16-Channel CMOS Analog Multiplexer
306
08.15.02 Rev 5
TABLE 4. 306 ELECTRICAL CHARACTERISTICS — SINGLE SUPPLY
(V+ = +12V, V- = 0V, GND = 0V, V
AH = +2.4V, VAL = +0.8V, TA = -55 TO +125°C, UNLESS OTHERWISE SPECIFIED.)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN1
TYP1
1. The Algebraic convention where the most negative value is a minimum and the most positive value a maximum is used in this
data sheet.
MAX1
UNITS
SWITCH
Analog Signal Range 2
2. Guaranteed by design.
V
NO
V
COM
1, 2, 3
0
--
12
V
On-Resistance
R
ON
I
NO = -1.0mA
V
COM = 3V or 10V
T
A = +25°C
1
--
120
175
Ω
DYNAMIC2
Transition Time
t
TRANS
V
NO1 = 8V
V
NO8 = 0V
V
IN = 2.4V
Figure 9
T
A = +25°C
9
--
130
450
nA
Enable Turn-ON Time
t
ON(EN)
V
INH = 2.4V
V
INL = 0V
V
NO1 = 5V
Figure 11
T
A = +25°C
9
--
--
600
ns
Enable Turn-OFF Time
t
OFF(EN)
V
INH = 2.4V
V
INL = 0V
V
NO1 = 5V
Figure 11
T
A = +25°C
9
--
--
300
ns
Charge Injection
Q
CL = 1.0nF
VNO = 0V
VS = 0
W
T
A = +25°C
9
--
--
10
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com