Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 310
Description  Ultra Low Bias Current Varactor Bridge Operational Amplifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  310 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Information furnished by Intronics is believed to be accurate and reliable. However, no
responsibility is assumed by Intronics for its use; nor for any infringements of patents or
other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Intronics.
TYPE
I-Stability
V-Stability
Bandwidth
Overload
Protection
CMR
Microphonics
Warm-up
Size
Price
VARACTOR
BRIDGE
good
excellent
narrow
easy
excellent
fair
fast
small
low
MOSFET
good
fair
wide
difficult
fair
good
fast
small
medium
FEATURES
Guaranteed Low Bias: 10
-14 A max
Low Voltage Drift: 10
µV/°C max (310K, 311K)
Versatility: Noninverting, model 31IJ/K
Inverting, model 310J/K
High Input Impedance: 10
14
Ω(311J, 311K)
APPLICATIONS
Femto-ammeter
Electrometer
Long-Time Integrator
Small-Rate Differentiator
Flame Current Detector
Phototube Amplifier
Log Compressor
pH Meter
The chart above shows the relative advantages of various electrometer
types. The best performance possible is given by the vibrating reed
electrometer. it should be remembered, however, that this is a large,
expensive laboratory instrument not generally suitable for instrument
construction.
1400 Providence Highway, Building #2
Norwood, MA 02062
Phone (781) 551-5500
FAX (781) 551-5555
www.intronicspower.com
Model 311 - The311 is similar to the 310 but the high quality input is
the positive or non-inverting input. It is primarily intended for
measurement of voltages from very high source impedances. Such
sources are found in the glass electrodes of pH cells and other
scientific measurement apparatus. Another such source is charge
stored on the plates of a capacitor, as is found in long-time track-and-
hold applications.
GENERAL DESCRIPTION
The models 310 and 311 are operational amplifiers with extremely low
input bias currents and high input impedances. As such, they are
applicable to a large number of electrometer amplifier applications
which have traditionally been fulfilled (not without difficulty) by
vacuum electrometer tubes. These specialized requirements are
characterized by extremely high source impedances or where
infinitesimal currents must be measured or amplified. Because of
varactor bridge inputs, the all solid state 310 and 311 amplifiers are
ideally suited to this type of requirement. Voltage drifts are small, noise
is minimized, and the cost is low. In principles the operation of varactor
bridge amplifiers is similar to that of vibrating reed electrometers
(parametric), but also includes the inherent advantages of solid state
design.
VOLTAGE SOURCE OR CURRENT SOURCE?
Model 310 - The model 310 is designed such that the high quality
signal input is the inverting input terminal, and is most appropriate for
measurements of current signals. This type of signal source is common
to gas chromatograph flame detectors, photomultiplier tubes, radiation
detectors, etc. The inverting model 310 is also useful for logarithmic
compression over an extremely wide dynamic range and in the
construction of very-long-time-constant integrators or differentiators.
Input signals from picoamps to milliamps may be accommodated with
femtoamp current resolution.
Table 1. Comparison of Electrometer Types
VIBRATING
CAPACITOR
excellent
excellent
narrow
easy
excellent
fair
fast
large
high
ELECTROMETER
TUBES
good
poor
wide
poor
poor
slow
large
medium
Ultra Low Bias Current Varactor
Bridge Operational Amplifiers
Models 310, 311


Similar Part No. - 310

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
310 DBLECTRO-310 Datasheet
382Kb / 1P
SCREW TYPE SERIES
logo
Mill-Max Mfg. Corp.
310 MILL-MAX-310 Datasheet
199Kb / 1P
INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
logo
Intronics Power, Inc.
310 INTRONICS-310 Datasheet
984Kb / 5P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
List of Unclassifed Man...
310 ETC2-310 Datasheet
933Kb / 1P
Four wire Kelvin lead measurements
logo
Morse Mfg. Co., Inc.
310 MORSE-310 Datasheet
2Mb / 6P
Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
23 Aug., 2022
More results

Similar Description - 310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP1177 AD-OP1177 Datasheet
245Kb / 20P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
11/01-Data Sheet changed from REV. 0 to REV. A.
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
logo
Intronics Power, Inc.
310 INTRONICS-310 Datasheet
984Kb / 5P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
Analog Devices
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
Ultra Low Supply Current CMOS Operational Amplifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com