Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG2035 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG2035
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG2035 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCG2035 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG2035 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG2035 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SCG2035 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SCG2035
0.65A, 20V, RDS(O ) 350m
-Channel Enhancement MOSFET
20-Jul-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250µA
Gate Threshold Voltage
VGS(th)
0.45
-
1
V
VDS=VGS, ID=250µA
Forward Transfer conductance
gfs
-
2
-
S
VDS=5V, ID=0.6A
Gate-Body Leakage Current
IGSS
-
-
±10
µA
VGS=±12V
TJ=25°C
-
-
1
Drain-Source Leakage Current
TJ=70°C
IDSS
-
-
25
µA
VGS=0, VDS =16V
-
-
350
VGS=4.5V, ID=0.55A
-
-
700
VGS=2.5V, ID=0.45A
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
950
m
VGS=1.8V, ID=0.35A
Total Gate Charge
Qg
-
1.3
-
Gate-Source Charge
Qgs
-
0.5
-
Gate-Drain (“Miller”) Change
Qgd
-
0.1
-
nC
ID=0.5A
VDS=15V
VGS=4.5V
Turn-on Delay Time
Td(on)
-
2.6
-
Rise Time
Tr
-
16
-
Turn-off Delay Time
Td(off)
-
29.8
-
Fall Time
Tf
-
11
-
nS
VDS=10V
ID=0.5A
VGS=10V
RG=1
Input Capacitance
Ciss
-
64
-
Output Capacitance
Coss
-
17
-
Reverse Transfer Capacitance
Crss
-
20
-
pF
VDS=10V
VGS=0
f=1MHz
Source-Drain Diode
Continuous Source Current
1
IS
-
-
0.65
A
Pulsed Source Current
3
ISM
-
-
1.6
A
Forward On Voltage
4
VSD
-
-
1.2
V
VGS=0, IS =0.15A
Reverse Recovery Time
trr
-
4.9
-
nS
Reverse Recovery Charge
Qrr
-
1
-
nC
IF=0.5A ,
dI/dt=100A/µs ,
TJ=25℃
Notes:
1.
Surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.
When mounted on Min. copper pad.
3.
The power dissipation is limited by 150℃ junction temperature
4.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com