Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

358RPFS Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 358RPFS
Description  8-Channel Fault-Protected Analog Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

358RPFS Datasheet(HTML) 3 Page - Maxwell Technologies

  358RPFS Datasheet HTML 1Page - Maxwell Technologies 358RPFS Datasheet HTML 2Page - Maxwell Technologies 358RPFS Datasheet HTML 3Page - Maxwell Technologies 358RPFS Datasheet HTML 4Page - Maxwell Technologies 358RPFS Datasheet HTML 5Page - Maxwell Technologies 358RPFS Datasheet HTML 6Page - Maxwell Technologies 358RPFS Datasheet HTML 7Page - Maxwell Technologies 358RPFS Datasheet HTML 8Page - Maxwell Technologies 358RPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
8-Channel Fault-Protected Analog Multiplexer
358
02.06.04 Rev 3
TABLE 3. 358 ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, V
AH = 2.4V, VAL = 0.8V, TA = -55 TO +125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITIONS
SUBGROUPS
SYMBOL
TEMP
MIN
TYP
MAX
UNITS
STATIC
ON Resistance
V
D = ± 10V, IS = ± 100µ A
V
AL = 0.8V, VAH = 2.4V
1, 2, 3
r
DS(ON)
+25°C
Full
1.2
1.5
1.5
1.8
k
Ω
OFF Input Leakage Cur-
rent
V
S = ±10V, VD = +10V
V
EN = 0.8V
1, 2, 3
I
S(OFF)
+25°C
Full
0.03
50
nA
OFF Output Leakage
Current
V
D = ± 10V, VS = +10V
V
EN = 0.8V
1, 2, 3
I
D(OFF)
+25°C
Full
0.1
200
nA
ON Channel Leakage
Current
V
S(ALL) = VD = ± 10V
1
V
AH = VEN = 2.4V
V
AL = 0.8V
1, 2, 3
I
D(ON)
+25°C
Full
0.1
2002
nA
Analog Signal Range
2
1, 2, 3
V
AN
Full
-15
15
V
FAULT
Output Leakage Current
(with Overvoltage)
V
D = 0V
1
Analog Overvoltage =
±33V
1, 2, 3
I
D(OFF)
+25°C
Full
4.0
2.0
nA
µA
Input Leakage Current
(with Overvoltage)
V
IN = ± 25V, VO = ± 10V
1
1, 2, 3
I
S(OFF)
+25°C
5.0
µ A
Input Leakage Current
(w/ Power Supplies Off)
V
IN = ± 25V, VEN = VO = 0V
A
O = A1 = A2 = OV or 5V
1, 2, 3
I
S(OFF)
+25°C
2.0
µ A
INPUT
Input Low Threshold
1, 2, 3
V
AL
Full
0.8
V
Input High Threshold
1, 2, 3
V
AH
Full
2.4
V
Input Leakage Current
(High or Low)
V
A = 4V or 0V
3
1, 2, 3
I
A
Full
1.0
µ A
DYNAMIC
Access Time
1, 2, 3
t
A
+25°C
0.5
1.0
µ s
Break-Before-Make
Delay
V
EN = ± 5V, VIN = ± 10V
A
O, A1, A2 Strobed
9, 10, 11
t
on-toff
+25°C
25
80
ns
Enable Delay (ON)
9, 10, 11
t
on(EN)
+25°C
Full
300
500
1000
ns
Enable Delay (OFF)
9, 10, 11
t
off(EN)
+25°C
Full
300
500
1000
ns
Setting Time: (0.1%)
(0.01%)
9, 10, 11
t
sett
+25°C
1.2
3.5
µs
“OFF Isolation”4
V
EN = 0.8V, RL = 1kΩ
C
L = 15pF, V = 7VRMS
f = 100kHz
4, 5, 6
+25°C
50
68
db



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com