Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS2001-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2001-C
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2001-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS2001-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2001-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2001-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2001-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMS2001-C
-2A, -20V, RDS(O ) 200m
P-Channel Enhancement Mode Power MOSFET
07-Dec-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID= -250µA
Gate-Threshold Voltage
VGS(th)
-0.45
-
-1
V
VDS=VGS, ID= -250µA
Forward Tranconductance
gfs
-
3.4
-
S
VDS= -5V, ID= -2A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±8V
TJ=25°C
-
-
-1
Drain-Source Leakage Current
TJ=55°C
IDSS
-
-
-10
µA
VDS= -16V, VGS=0
-
150
200
VGS= -4.5V, ID= -2A
Static Drain-Source On-Resistance
3
RDS(ON)
-
200
280
m
VGS= -2.5V, ID= -1.5A
Total Gate Charge
3
Qg
-
4.6
-
Gate-Source Charge
Qgs
-
0.27
-
Gate-Drain (“Miller”) Change
Qgd
-
2.34
-
nC
ID= -2A
VDS= -20V
VGS= -4.5V
Turn-on Delay Time
3
Td(on)
-
11.6
-
Rise Time
Tr
-
6.2
-
Turn-off Delay Time
Td(off)
-
31.8
-
Fall Time
Tf
-
2.8
-
nS
VDS= -12V
VGS= -4.5V
ID= -1A
RG=3.3
Input Capacitance
Ciss
-
194
-
Output Capacitance
Coss
-
35.5
-
Reverse Transfer Capacitance
Crss
-
28.2
-
pF
VGS=0
VDS= -15V
f=1MHz
Source-Drain Diode
Forward on Voltage
4
VSD
-
-0.85
-1.2
V
IS= -1A, VGS=0
Continuous Source Current
1
IS
-
-
-2
Pulsed Source Current
3
ISM
-
-
-8
A
Notes:
1.
Surface Mounted on 1”x1” FR4 Board with 2OZ copper.
2.
When mounted on Min. copper pad.
3.
Pulse width limited by maximum junction temperature, Pulse Width≤10µs, Duty Cycle≤1%.
4.
Pulse Test: Pulse Width≤300µs, Duty Cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com