Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6503 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP6503
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP6503 Datasheet HTML 1Page - Diodes Incorporated AP6503 Datasheet HTML 2Page - Diodes Incorporated AP6503 Datasheet HTML 3Page - Diodes Incorporated AP6503 Datasheet HTML 4Page - Diodes Incorporated AP6503 Datasheet HTML 5Page - Diodes Incorporated AP6503 Datasheet HTML 6Page - Diodes Incorporated AP6503 Datasheet HTML 7Page - Diodes Incorporated AP6503 Datasheet HTML 8Page - Diodes Incorporated AP6503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP6503
Document number: DS35077 Rev. 7 - 2
3 of 16
www.diodes.com
May 2017
© Diodes Incorporated
AP6503
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
-0.3 to +26
V
VSW
Switch Node Voltage
-1.0 to VIN +0.3
V
VBST
Bootstrap Voltage
VSW -0.3 to VSW +6
V
VFB
Feedback Voltage
-0.3V to +6
V
VEN
Enable/UVLO Voltage
-0.3V to +6
V
VCOMP
Comp Voltage
-0.3V to +6
V
TST
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
+150
°C
TL
Lead Temperature
+260
°C
ESD Susceptibility (Note 5)
HBM
Human Body Model
3
kV
MM
Machine Model
250
V
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may
be affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Thermal Resistance (Note 6)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
74
°C/W
θJC
Junction to Case
16
°C/W
Note:
6. Test condition for SO-8EP:
Measured on approximately 1” square of 1 oz copper.
Recommended Operating Conditions (Note 7) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
4.7
23
V
TA
Operating Ambient Temperature Range
-40
+85
°C
Note:
7. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com