Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63200 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP63200
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63200 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP63200 Datasheet HTML 3Page - Diodes Incorporated AP63200 Datasheet HTML 4Page - Diodes Incorporated AP63200 Datasheet HTML 5Page - Diodes Incorporated AP63200 Datasheet HTML 6Page - Diodes Incorporated AP63200 Datasheet HTML 7Page - Diodes Incorporated AP63200 Datasheet HTML 8Page - Diodes Incorporated AP63200 Datasheet HTML 9Page - Diodes Incorporated AP63200 Datasheet HTML 10Page - Diodes Incorporated AP63200 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Typical Performance Characteristics (continued)
Figure 10. IQ vs. Temperature
Figure 11. ISHDN vs. Temperature
Figure 12. FSW vs. Temperature
Figure 13. VIN POR and UVLO vs. Temperature
Figure 14. Startup using EN, Iout = 2A
Figure 15. Shutdown using EN, Iout = 2A
EN (5V/div)
VOUT (2V/div)
IL (2A/div)
SW (10V/div)
2ms/div
EN (5V/div)
VOUT (2V/div)
IL (2A/div)
SW (10V/div)
50µs/div
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
7 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com